Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • WAC-A11B-R

  • AI
    The **WAC-A11B-R** is an electronic component primarily classified as a **DC Axial Fan**, manufactured by companies like **Nidec (formerly Nidec Copal)**. These fans are engineered for high-performance cooling in industrial equipment and telecommunications hardware. --- ### 1. Key Technical Specifications The "Electronic Parts" of this device consist of the motor assembly, the PCB controller, and the physical housing. | Feature | Specification (Typical) | | :--- | :--- | | **Input Voltage** | 12V DC (Standard operating range 7V - 13.8V) | | **Current Draw** | Approximately 0.08A - 0.15A (Low power consumption) | | **Speed Control** | Brushless DC Motor (BLDC) | | **Bearing Type** | Dual Ball Bearing (for long lifespan) | | **Airflow** | High static pressure design | | **Termination** | 2-wire or 3-wire (Lead wires) | --- ### 2. Internal Electronic Components The device functions through a series of integrated electronic subsystems: #### A. Brushless DC (BLDC) Motor Unlike traditional motors, the WAC-A11B-R uses an electronic commutator instead of carbon brushes. This reduces electronic noise (EMI) and prevents mechanical wear. #### B. Hall Effect Sensor Inside the motor hub, a **Hall Effect IC** senses the position of the permanent magnet rotor. This allows the internal controller to switch the polarity of the electromagnets at the precise moment to maintain rotation. #### C. Control PCB The base of the fan contains a small circular PCB with: * **Driver IC:** Manages the power distribution to the stator coils. * **Protection Diodes:** Protects the fan from reverse polarity (if the +/- wires are swapped). * **Locked Rotor Protection:** An electronic safety feature that cuts power to the coils if the blades are physically obstructed, preventing the motor from burning out. --- ### 3. Physical & Material Composition * **Frame:** Typically high-quality PBT (Polybutylene Terephthalate) plastic, reinforced with glass fiber for heat resistance. * **Impeller:** Aerodynamically shaped blades designed to minimize acoustic noise while maximizing air pressure. * **Wiring:** UL-rated lead wires (usually Red for Positive, Black for Negative/Ground). ### 4. Application Use-Cases Because of its "R" designation (often implying RoHS compliance or specific rotational direction), it is commonly found in: 1. **Server Racks:** Continuous 24/7 operation. 2. **Power Supplies:** Heat dissipation for AC/DC converters. 3. **Industrial Controllers:** Cooling internal logic boards. ---
    ✨ Follow-up Questions
    • ⤷What is the expected lifespan (MTTF) of the WAC-A11B-R fan?
    • ⤷ How do I interpret the 3rd wire (Yellow or Blue) on this model?
    • ⤷ What are the exact dimensions in millimeters for this specific part number?