Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • WAC-A11D-R

  • AI
    The **WAC-A11D-R** is a specific wireless communication module, typically associated with IoT (Internet of Things) applications, smart appliances, or HVAC control systems (often manufactured by brands like **Gree** or **Daikin** for Wi-Fi connectivity). Below is an overview of the electronic components and technical specifications typically found in this type of module. --- ### 1. Technical Specifications The WAC-A11D-R is designed to bridge a physical appliance with a cloud network. | Feature | Specification (Typical) | | :--- | :--- | | **Connectivity** | IEEE 802.11 b/g/n (Wi-Fi) | | **Frequency Band** | 2.4 GHz | | **Input Voltage** | 3.3V DC or 5V DC (Interface dependent) | | **Interface Type** | 4-pin or 8-pin UART/Serial Connector | | **Antenna Type** | On-board PCB Trace Antenna | | **Security** | WEP/WPA-PSK/WPA2-PSK | --- ### 2. Core Electronic Components The board consists of several key layers of electronics: #### A. The Main SoC (System on Chip) At the heart of the module is a microcontroller with integrated Wi-Fi. * **Function:** Handles the TCP/IP stack, command processing, and data encryption. * **Common Chips:** Often uses Realtek or Espressif silicon tailored for appliance integration. #### B. RF Section (Radio Frequency) * **PCB Antenna:** The "zig-zag" copper trace on the edge of the board. This radiates and receives the 2.4GHz signal. * **Impedance Matching Circuit:** Small surface-mount capacitors and inductors that ensure maximum power transfer to the antenna. #### C. Power Management * **LDO (Low Dropout Regulator):** Converts the input voltage from the appliance mainboard down to the stable 3.3V required by the Wi-Fi chip. * **Decoupling Capacitors:** Small SMD components that filter out electrical noise to prevent the module from rebooting during high-power Wi-Fi transmissions. #### D. The Interface Header * **Pins:** Usually labeled for `VCC` (Power), `GND` (Ground), `TX` (Transmit), and `RX` (Receive). * **Communication:** Uses **UART** protocol to talk to the appliance's main control board. --- ### 3. Block Diagram Concept ```mermaid graph LR A[Appliance Mainboard] -- UART Interface --> B[WAC-A11D-R Module] B --> C[Voltage Regulator] B --> D[MCU/Wi-Fi Processor] D --> E[PCB Antenna] E -. Wireless Signal .-> F[Router/Cloud] ``` --- ### 4. Installation and Troubleshooting * **Mounting:** The module is usually "Plug-and-Play" into a dedicated port on the indoor unit of an air conditioner. * **Indicator LEDs:** Most versions include small LEDs (Red/Blue) to indicate "Power" and "Cloud Connection Status."
    ✨ Follow-up Questions
    • ⤷What are the specific pinout definitions for the WAC-A11D-R connector?
    • ⤷ How do I reset the WAC-A11D-R module for a new Wi-Fi pairing?
    • ⤷ Is the WAC-A11D-R compatible with Home Assistant or third-party IoT platforms?