Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • WAC-A31A-R

  • AI
    The **WAC-A31A-R** is an industrial-grade AC-DC power adapter commonly utilized in telecommunications, networking, and industrial automation. It is designed for high reliability and consistent power delivery. Below is an overview of its electronic characteristics and specifications. ### 1. Technical Specifications The WAC-A31A-R is typically a 30W to 40W power supply unit. Here are the core electrical parameters: | Parameter | Specification (Typical) | | :--- | :--- | | **Input Voltage Range** | 90V ~ 264V AC (Universal) | | **Input Frequency** | 47Hz ~ 63Hz | | **Output Voltage** | +12V DC | | **Output Current** | 2.5A to 3.3A | | **Total Power** | ~31W - 40W | | **Efficiency** | > 85% (Level VI compliant) | | **Connector Type** | Barrel Jack (5.5mm x 2.1mm or 2.5mm) | --- ### 2. Core Electronic Components The internal circuitry of the WAC-A31A-R follows a standard **Switching Mode Power Supply (SMPS)** architecture: * **Input Stage:** Contains an EMI filter (inductors and X/Y capacitors) to suppress electromagnetic interference and a bridge rectifier to convert AC to high-voltage DC. * **Switching Controller:** Uses a Pulse Width Modulation (PWM) controller IC to manage the high-speed switching of MOSFETs. * **Transformer:** A high-frequency ferrite core transformer provides galvanic isolation between the AC input and DC output. * **Output Rectification:** Uses Schottky diodes or synchronous rectifiers to convert the high-frequency AC from the transformer back into stable DC. * **Filtering:** High-quality electrolytic capacitors (often rated for 105°C) are used to minimize voltage ripple and noise. --- ### 3. Protection Features The device includes several electronic protection layers to prevent damage to the connected equipment: 1. **Over-Voltage Protection (OVP):** Shuts down the unit if the output voltage exceeds the safe threshold. 2. **Short-Circuit Protection (SCP):** Automatically recovers after a short circuit is removed. 3. **Over-Current Protection (OCP):** Limits current to prevent overheating during load spikes. 4. **Thermal Protection:** Internal thermal fuses or sensors to prevent fire hazards in case of component failure. --- ### 4. Typical Usage This specific part is often found as the primary power source for: * **Network Switches/Routers** (e.g., specific models from IEI or Advantech). * **Embedded Systems** and Single Board Computers. * **Industrial Displays** and HMI panels.
    ✨ Follow-up Questions
    • ⤷ What is the specific DC barrel jack polarity for the WAC-A31A-R?
    • ⤷ Are there equivalent replacement models with higher wattage?
    • ⤷ How does its efficiency rating compare to modern energy standards?