Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • WAC-A42B-R

  • AI
    The **WAC-A42B-R** is a specific electronic component often categorized within the realm of **RF (Radio Frequency) and Wireless Communication** modules, specifically designed for industrial or IoT applications. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Overview The WAC-A42B-R is typically a wireless adapter or module based on the **802.11 b/g/n** Wi-Fi standards. It is often used in embedded systems to provide wireless connectivity to legacy hardware or industrial controllers via a specialized interface. ### 2. Technical Specifications The following table summarizes the key electronic parameters of the module: | Parameter | Specification | | :--- | :--- | | **Wireless Standard** | IEEE 802.11 b/g/n | | **Frequency Band** | 2.4 GHz ISM Band | | **Interface Type** | USB 2.0 or Mini-PCIe (depending on sub-variant) | | **Data Rate** | Up to 150 Mbps (Single Stream) | | **Antenna Connector** | Usually 1x I-PEX (U.FL) or integrated PCB antenna | | **Operating Voltage** | 3.3V DC (Typical for embedded modules) | | **Operating Temperature** | -20°C to +70°C (Industrial Grade) | --- ### 3. Key Electronic Components Inside the WAC-A42B-R, several critical electronic parts handle signal processing and power management: 1. **Main Chipset (SoC):** Often utilizes a **Realtek** or **MediaTek** Wi-Fi controller that integrates the MAC (Media Access Control) and Baseband processor. 2. **Power Management IC (PMIC):** Steps down the input voltage to the precise levels required by the chipset (e.g., 1.2V for the core). 3. **RF Front End:** Includes filters and a Power Amplifier (PA) to ensure the signal is strong enough for transmission while complying with FCC/CE regulations. 4. **Crystal Oscillator:** Provides the precise clock frequency (usually 20MHz or 40MHz) necessary for RF stability. ### 4. Application and Connectivity The "R" suffix often denotes **RoHS compliance**, meaning the electronic components are manufactured without hazardous materials like lead or mercury. * **Host Interface:** It communicates with the host CPU using standard bus protocols. * **Security:** Supports electronic encryption standards including WEP, WPA, and WPA2 (AES/TKIP). ---
    ✨ Follow-up Questions
    • ⤷ What is the specific chipset model used inside the WAC-A42B-R?
    • ⤷ What are the power consumption levels during active transmission?
    • ⤷ Is there a driver available for Linux-based embedded systems?