Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • WADS-15AB-R

  • AI
    The **WADS-15AB-R** is a specific model of an AC/DC power adapter, typically utilized for small electronic devices such as network routers, modems, or LED lighting systems. It is characterized by its compact "wall-plug" design. --- ### 1. Technical Specifications The electrical characteristics define how the unit converts high-voltage AC from a wall outlet into low-voltage DC for sensitive electronics. | Feature | Specification | | :--- | :--- | | **Input Voltage** | 100V - 240V AC (Universal) | | **Input Frequency** | 50/60 Hz | | **Output Voltage** | 12V DC (Typical for this series) | | **Output Current** | 1.25A to 1.5A | | **Power Rating** | Approximately 15W - 18W | | **Polarity** | Center Positive (+) | --- ### 2. Core Internal Components The WADS-15AB-R is a **Switch Mode Power Supply (SMPS)**. Inside the casing, you will find the following electronic parts: #### A. Input Rectification and Filter * **Bridge Rectifier:** Converts the incoming AC sine wave into a pulsating DC signal. * **Bulk Capacitor:** A high-voltage electrolytic capacitor that smooths the pulsating DC into a steady high-voltage DC bus. #### B. High-Frequency Switching Section * **PWM Controller IC:** The "brain" of the unit that regulates voltage by switching the current on and off thousands of times per second. * **Switching MOSFET:** A power transistor that handles the high-speed switching of the input voltage. #### C. Isolation and Transformation * **High-Frequency Transformer:** Unlike heavy traditional transformers, this uses a ferrite core to transfer energy across a safety barrier while stepping down the voltage. #### D. Output Rectification and Feedback * **Schottky Diode:** Rectifies the high-frequency AC from the transformer back into DC. * **Optocoupler:** An essential safety component that sends a light signal back to the controller to maintain a constant output voltage regardless of the load. --- ### 3. Safety and Design Features * **Over-Voltage Protection (OVP):** Shuts down the circuit if the voltage spikes. * **Short-Circuit Protection (SCP):** Prevents the device from catching fire if the output wires touch. * **EMI Filter:** Internal coils (inductors) and capacitors that prevent electromagnetic interference from leaking back into your home's power lines.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Switching Power Supply and a Linear Power Supply?
    • ⤷ How do I verify if the WADS-15AB-R is compatible with my specific device?
    • ⤷ What are the common causes of failure in these types of AC adapters?