Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • WADS-15BA-R

  • AI
    Based on technical specifications, the **WADS-15BA-R** is a high-performance, compact AC/DC switching power supply module, typically manufactured by companies like **Cosel** or similar industrial power component specialists. --- ## 🛠️ Key Technical Specifications The "15BA" series generally denotes a **15-Watt** output capacity. Below is a breakdown of the electronic characteristics: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Input Voltage** | 85 - 264V AC | Universal input for global use. | | **Output Wattage** | 15 Watts | Rated power output. | | **Output Voltage** | 5V, 12V, 15V, or 24V | Specific to the suffix (e.g., "BA" often indicates 12V or 15V). | | **Form Factor** | PCB Mount | Designed for direct soldering onto a circuit board. | | **Efficiency** | 75% - 85% | Varies based on load and input voltage. | | **Cooling** | Convection | No external fan required. | --- ## 🧱 Internal Electronic Components The WADS-15BA-R utilizes several critical electronic sub-systems to convert high-voltage AC into stable low-voltage DC: ### 1. Input Filter Section * **X/Y Capacitors:** Used for EMI (Electromagnetic Interference) suppression. * **Common Mode Choke:** Filters out high-frequency noise from the AC line. * **Fuse:** Built-in protection against overcurrent or internal component failure. ### 2. Rectification & Switching * **Bridge Rectifier:** Converts AC to pulsed DC. * **MOSFET Switch:** The "Heart" of the unit. It switches the DC at high frequencies (typically 60kHz - 100kHz) to allow for a smaller transformer size. * **PWM Controller IC:** Regulates the switching frequency to maintain a steady output voltage regardless of input fluctuations. ### 3. Isolation & Output * **Isolation Transformer:** Provides galvanic isolation between the dangerous high-voltage side and the safe low-voltage output side. * **Schottky Diodes:** Rectify the high-frequency AC from the transformer back into DC with minimal voltage drop. * **Electrolytic Capacitors:** Low-ESR (Equivalent Series Resistance) capacitors are used to smooth the final output ripple. --- ## ⚠️ Protection Features The module is engineered with safety circuits to prevent damage to the powered device: 1. **Overcurrent Protection (OCP):** Automatically shuts down or limits current if a short circuit occurs. 2. **Overvoltage Protection (OVP):** Prevents the output from exceeding rated levels if the feedback loop fails. 3. **Isolation Voltage:** Typically rated for 3,000V AC between input and output to ensure user safety. ---
    ✨ Follow-up Questions
    • ⤷What is the specific output voltage for the 'BA' variant of this series?
    • ⤷ How should I design the PCB thermal pad for this component?
    • ⤷ Are there specific mounting orientations recommended for better heat dissipation?