Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • WCB-R

  • AI
    The **WCB-R** typically refers to a **Wireless Control Box - Receiver** or a similar radio-controlled relay system used in industrial automation, smart home applications, or heavy machinery control. Below is a breakdown of the electronic components and internal architecture common to these devices. --- ## 1. Core Internal Components A WCB-R unit acts as an interface between a wireless signal (from a transmitter) and a high-voltage or high-current electrical load. | Component | Function | Specifications (Typical) | | :--- | :--- | :--- | | **RF Module** | Receives the radio frequency signal. | 315MHz, 433MHz, or 2.4GHz | | **Microcontroller (MCU)** | Decodes the signal and logic control. | 8-bit or 32-bit (e.g., STM32, PIC) | | **Relay Units** | Physical switches for the load. | 10A - 30A @ 250VAC | | **Power Transformer** | Steps down mains voltage for DC logic. | 220V/110V to 12V/5V DC | | **Antenna** | Enhances signal reception range. | Internal PCB or External SMA | --- ## 2. Circuit Block Diagram The electronic logic follows a specific path to ensure safety and isolation: 1. **Power Stage:** A Buck Converter or Linear Regulator converts the input power (AC or DC) into a stable 5V/3.3V supply for the chips. 2. **RF Reception:** The antenna picks up an encrypted signal; a Superheterodyne receiver module filters the noise. 3. **Decoding:** The MCU checks the unique ID code (rolling code or fixed code) to ensure the command is authorized. 4. **Output Execution:** The MCU triggers a transistor (usually a NPN type or Optocoupler) to energize the Relay coil, closing the circuit for the connected motor or light. --- ## 3. Technical Specifications Example Most WCB-R units fall into these electronic parameters: ```yaml Electrical_Parameters: Input_Voltage: 12V-24V DC or 85V-250V AC Standby_Current: < 8mA Sensitivity: -105 dBm Encoding_Type: Learning Code (EV1527) or Rolling Code (HCS301) Output_Channels: 1, 2, or 4 Channels ``` --- ## 4. Protection Circuitry To prevent electronic failure, these boards usually include: * **Varistors (MOV):** Protects against high-voltage surges from the power grid. * **Flyback Diodes:** Parallel to the relay coils to prevent inductive voltage spikes when the relay turns off. * **Optoisolators:** Separates the sensitive logic circuit from the high-power relay side to prevent interference.
    ✨ Follow-up Questions
    • ⤷ How do I pair a new transmitter to a WCB-R receiver?
    • ⤷ What are the differences between latching and momentary modes in these circuits?
    • ⤷ How can I troubleshoot a WCB-R that has power but won't trigger the relay?