Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • WCT-11D-R

  • AI
    The **WCT-11D-R** is a specific electronic component often associated with **wireless charging technology**. It is part of the WCT series (Wireless Charging Transmitter) typically developed for automotive or industrial power transfer applications. Below is a detailed breakdown of its electronic characteristics and functional parts. --- ### 1. Technical Specifications The device is designed as a high-efficiency wireless power transmitter. The following table summarizes its core electronic parameters: | Parameter | Typical Value / Description | | :--- | :--- | | **Input Voltage** | 9V to 16V (standard automotive range) | | **Output Power** | Up to 11W (Support for Qi standards) | | **Control Architecture** | Digital Signal Controller (DSC) | | **Communication** | In-band Frequency Shift Keying (FSK) / Amplitude Shift Keying (ASK) | | **Efficiency** | > 70% (depending on coil alignment) | | **Operating Temp** | -40°C to +85°C | --- ### 2. Core Electronic Subsystems #### A. Power Stage (Inverter) The "Heart" of the WCT system. It typically consists of a **Full-Bridge Inverter** using MOSFETs. This stage converts DC power from the battery into a high-frequency AC signal to drive the induction coil. #### B. The Induction Coil (Antenna) The "11D" designation often refers to a specific coil configuration. * **Resonant Circuit:** Uses high-quality resonant capacitors (C0G/NP0 type) to ensure minimal heat loss. * **Electromagnetic Induction:** Creates the magnetic field that couples with the receiver (smartphone/device). #### C. Control & Modulation (The IC) The system uses a dedicated microcontroller (often from NXP's WCT series) to manage: * **FOD (Foreign Object Detection):** Constantly monitors power loss to detect metal objects (coins, keys) between the charger and phone to prevent fires. * **Closed-loop Control:** Adjusts frequency, duty cycle, or phase shift based on feedback from the receiver. #### D. Protection Circuitry * **Over-Voltage Protection (OVP)** * **Over-Current Protection (OCP)** * **Thermal Shutdown:** Monitors the temperature of the PCB and the coil. --- ### 3. Block Diagram Logic The flow of electricity within the part follows this logical sequence: ```mermaid graph LR A[DC Input] --> B[Voltage Regulator] B --> C[Full-Bridge Inverter] C --> D[Resonant Tank/Coil] D -.-> E((Magnetic Field)) F[MCU Controller] --> C D --> G[Current/Voltage Sensing] G --> F ``` --- ### 4. Application Note The **-R** suffix usually denotes **Tape & Reel** packaging for automated SMT (Surface Mount Technology) assembly lines, indicating this is a production-grade component intended for mass-manufactured automotive consoles or charging pads.
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between the WCT-11W and WCT-15W models?
    • ⤷ How does the Foreign Object Detection (FOD) algorithm work in this controller?
    • ⤷ Which NXP microcontrollers are compatible with the WCT-11D-R software library?