Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • WCT-1BA-R/Q

  • AI
    The **WCT-1BA-R/Q** is a high-performance wireless charging transmitter module, typically based on the NXP WCT (Wireless Charging Transmitter) series architecture. It is designed to meet the **Qi specification** for inductive charging. Below is a breakdown of its core electronic components and functional architecture. --- ### 1. Key Electronic Components | Component Category | Description | Primary Function | | :--- | :--- | :--- | | **Microcontroller (MCU)** | Often an NXP MWCT series (e.g., MWCT10xx) | Manages the charging protocol, PID control, and system safety. | | **Power Stage (Inverter)** | Full-bridge or Half-bridge MOSFET topology | Converts DC input into high-frequency AC to drive the coil. | | **Resonant Tank** | Combination of an inductor (Coil) and C0G/NP0 capacitors | Creates the electromagnetic field for energy transfer. | | **Communication Circuit** | Demodulation circuit (Op-amps/Filters) | Decodes the back-scattered signal from the mobile device (Receiver). | | **Protection Circuit** | Current sense resistors and Thermistors | Monitors for Over-Voltage (OVP) and Foreign Object Detection (FOD). | --- ### 2. Functional Architecture The module operates through several distinct stages to ensure efficient energy transfer: #### A. Power Conversion The input voltage (typically 5V, 9V, or 12V) is regulated. The **Digital PWM (Pulse Width Modulation)** signals from the MCU drive the gate drivers, which toggle the MOSFETs in the inverter stage. This creates the alternating magnetic field in the transmitter coil. #### B. The Qi Protocol Stack The MCU runs a dedicated firmware stack that handles: 1. **Ping Phase:** Detecting if an object is placed on the pad. 2. **Identification & Configuration:** Checking if the device is Qi-compatible. 3. **Power Transfer:** Adjusting the frequency, duty cycle, or phase shift based on feedback. #### C. Safety Mechanisms (FOD) One of the most critical electronic features is **Foreign Object Detection (FOD)**. The system measures the power loss between the transmitter and receiver. If the loss is too high (indicating a piece of metal like a coin or key is heating up), the MCU shuts down power immediately. --- ### 3. Technical Specifications (Typical) | Feature | Specification | | :--- | :--- | | **Standard** | Qi-certified (WPC) | | **Power Level** | 5W (Basic) to 15W (Extended Power Profile) | | **Efficiency** | ~75% - 80% | | **Communication** | In-band (ASK/FSK modulation) | ---
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between the R and Q suffixes in this part number?
    • ⤷ How does the Foreign Object Detection (FOD) algorithm work in NXP WCT modules?
    • ⤷ Can this module be configured for multi-coil charging arrays?