Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • WCT-52B-R

  • AI
    The **WCT-52B-R** is a specific electronic component, typically categorized as a **Water Conductivity/Temperature Sensor** or a related industrial controller interface used in water treatment systems. Below is a breakdown of its technical characteristics and internal electronic considerations. --- ### 1. Technical Specifications The device is designed to measure the electrolytic conductivity of liquids and monitor temperature to provide compensation. | Parameter | Typical Value / Range | | :--- | :--- | | **Measurement Type** | Conductivity / Resistivity / Temp | | **Input Voltage** | 24V DC or 110/220V AC (model dependent) | | **Signal Output** | 4-20mA or RS485 (Modbus RTU) | | **Temperature Compensation** | NTC 10K or Pt1000 | | **Protection Rating** | IP65 (Front Panel) | ### 2. Core Electronic Subsystems The "parts" of the WCT-52B-R can be divided into several functional blocks: #### A. Analog Front-End (AFE) * **Excitation Circuit:** Generates a high-frequency AC signal to the conductivity electrodes. This is necessary to prevent **polarization** at the electrode surface, which would happen if DC were used. * **Signal Conditioning:** Uses operational amplifiers (Op-Amps) to convert the tiny current returning from the sensor into a measurable voltage. #### B. Microcontroller Unit (MCU) * The brain of the unit that performs the **Temperature Compensation** calculations. Since water conductivity changes by approximately 2% per degree Celsius, the MCU applies algorithms to normalize the reading to 25°C. #### C. Output Interface * **Digital-to-Analog Converter (DAC):** Converts the digital reading back to an analog 4-20mA current loop for communication with PLCs. * **Isolation Transformers/Optocouplers:** These protect the internal circuitry from ground loops and electrical noise common in industrial environments. ### 3. Connection Pinout (Generic) While you should always consult the specific manual for your revision, the electronic terminals are generally grouped as follows: 1. **Power:** L, N (AC) or +, - (DC). 2. **Sensor Input:** Terminals for the Cell (Conductivity) and the NTC/Pt100 (Temperature). 3. **Relay Outputs:** Dry contacts (High/Low alarms) for controlling pumps or valves. 4. **Communication:** A(+) and B(-) for RS485 serial data. --- ### 4. Installation Best Practices * **Shielding:** Use shielded cables for the sensor input to prevent EMI (Electromagnetic Interference) from high-power motors. * **Impedance Matching:** Ensure the K-factor (cell constant) of the connected electrode matches the setting in the WCT-52B-R firmware.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the K-factor on the WCT-52B-R?
    • ⤷ What is the wiring diagram for the 4-20mA output?
    • ⤷ Can I use this sensor with deionized water systems?