Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • WCT-541-R

  • AI
    The **WCT-541-R** is a specialized electronic component primarily used in high-frequency wireless communication systems. It is generally categorized as a **Directional Coupler** or a specific RF (Radio Frequency) module designed for signal monitoring and power measurement. --- ### 1. Technical Specifications The WCT-541-R is engineered to handle specific frequency ranges and power levels. Below are the typical electronic characteristics: | Parameter | Description | | :--- | :--- | | **Component Type** | RF Directional Coupler / Power Sensor | | **Frequency Range** | Typically 400 MHz to 6000 MHz (Broadband) | | **Impedance** | 50 Ohms (Standard RF matching) | | **Coupling Factor** | Usually ranges between 10dB to 30dB depending on specific sub-revision | | **Connector Type** | Surface Mount (SMD) or Coaxial (R-type often denotes a specific orientation) | --- ### 2. Core Electronic Functions The WCT-541-R performs three main functions within a circuit: 1. **Signal Sampling:** It allows a small, precise portion of the high-frequency signal to be "tapped" from the main transmission line without significantly disrupting the original signal. 2. **Directionality:** It distinguishes between "forward" power (traveling to the antenna) and "reflected" power (returning from the antenna), which is critical for calculating SWR (Standing Wave Ratio). 3. **Isolation:** It ensures that the measurement equipment connected to the coupled port does not interfere with the main power path. --- ### 3. Key Internal Components While the WCT-541-R is often a sealed or integrated unit, its internal electronic structure consists of: * **Main Transmission Line:** A low-loss conductor through which the primary RF signal flows. * **Coupling Element:** A parallel conductor placed in close proximity to the main line, utilizing electromagnetic induction to capture the sample signal. * **Termination Resistors:** Internal resistors used to absorb reflected energy and maintain the 50-ohm impedance balance. * **Substrate:** High-frequency dielectric material (like Rogers or specialized FR4) to minimize signal dispersion and heat. --- ### 4. Common Applications * **Base Stations:** Monitoring output power in cellular towers (LTE/5G). * **Power Amplifiers:** Providing feedback loops to adjust gain levels dynamically. * **Antenna Tuning:** Detecting impedance mismatches to prevent damage to expensive RF transmitters. ---
    ✨ Follow-up Questions
    • ⤷What is the typical insertion loss for the WCT-541-R?
    • ⤷ Is the WCT-541-R compatible with 5G millimeter-wave frequencies?
    • ⤷ How do I calculate the coupling loss when using this part in a circuit?