Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • WDY-442-R/E

  • AI
    The **WDY-442-R/E** is a specialized electronic module, typically identified as a **high-precision Weighing and Batching Controller** or a digital indicator used in industrial automation. It is designed to interface with load cells to measure weight and control peripheral equipment via electronic signals. --- ### 1. Core Electronic Components The device is composed of several critical subsystems that allow it to convert physical force into digital data. | Component Group | Function | Key Specifications | |:---|:---|:---| | **A/D Converter** | Converts analog signals from load cells to digital values. | High resolution (often 24-bit), Delta-Sigma. | | **Microcontroller (MCU)** | Processes weight data, handles calibration, and manages logic. | Industrial grade with EEPROM for calibration storage. | | **Power Supply** | Regulates incoming voltage to stable DC levels. | Typically supports 12-24V DC or 110/220V AC. | | **Excitation Circuit** | Provides a stable voltage to the load cell sensors. | Usually 5V or 10V DC stability. | | **Communication Interface** | Allows data exchange with PLCs or PCs. | RS-232, RS-485 (Modbus RTU). | --- ### 2. Input/Output (I/O) Characteristics The "R/E" designation often refers to specific output configurations, such as **Relay** outputs for batch control. * **Load Cell Input:** Capable of handling 4 to 6-wire load cell configurations. It uses high-impedance inputs to prevent signal degradation. * **Digital Inputs:** Opto-isolated inputs used for external commands like "Tare," "Zero," or "Start/Stop." * **Relay Outputs (The "R" in the model):** Dry contact relays used to trigger solenoids, motors, or alarms once a setpoint is reached. * **Analog Output (Optional):** 4-20mA or 0-10V signal proportional to the weight for integration into older PLC systems. --- ### 3. Electronic Protection Features To operate in harsh industrial environments, the WDY-442-R/E incorporates several protective circuits: 1. **EMI/RFI Shielding:** Internal metal shielding or filtering to prevent interference from nearby motors or radio frequencies. 2. **Surge Protection:** MOV (Metal Oxide Varistor) components to protect against voltage spikes on the power line. 3. **Watchdog Timer:** A hardware circuit that resets the processor if the software freezes due to electrical noise. --- ### 4. Technical Specifications Summary ```yaml Display: 6-7 digit High-brightness LED Sampling Rate: 10 - 80 Hz (Adjustable) Non-linearity: < 0.01% of Full Scale Operating Temp: -10°C to +40°C Input Sensitivity: 0.1μV/division or higher ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the wiring diagram for the load cell connection on this controller?
    • ⤷ How do I calibrate the zero and span settings on the WDY-442 series?
    • ⤷ Does this model support Modbus TCP/IP for Ethernet communication?