Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • WEPA-11PBA-R

  • AI
    The **WEPA-11PBA-R** is a specific electronic sub-assembly, typically identified as a **Power Supply Unit (PSU)** or a control board commonly found in household appliances, most notably in Panasonic and National brand washing machines. --- ### 1. Key Technical Specifications While detailed internal schematics are proprietary to the manufacturer, the general specifications for this part category are as follows: | Feature | Specification | | :--- | :--- | | **Component Type** | AC/DC Power Supply / Control Module | | **Input Voltage** | 100V - 120V AC (Regional specific) | | **Output Type** | Multi-rail DC (e.g., 5V, 12V, 15V) | | **Mounting** | PCB with through-hole and SMD components | | **Protection** | Thermal fuse, Overcurrent protection | --- ### 2. Major Electronic Components The board consists of several critical stages that convert wall power into usable energy for the appliance's logic and motors: 1. **Rectification & Filtering:** * **Bridge Rectifier:** Converts AC input to pulsating DC. * **Electrolytic Capacitors:** Large "smoothing" capacitors (typically rated for 400V-450V) to stabilize the DC voltage. 2. **Switching Stage:** * **PWM Controller IC:** Regulates the power flow. * **Switching Transformer:** Steps down the high-voltage DC to lower voltages. 3. **Output Regulation:** * **Schottky Diodes:** For high-speed rectification of the output voltage. * **Voltage Regulators (LDOs):** Ensures a stable 5V supply for the microprocessors. 4. **Connectors:** * Standardized pin headers for interfacing with the main control panel and sensor arrays. --- ### 3. Common Failure Modes Due to its role in power management, this part is subject to environmental and electrical stress: * **Capacitor Failure:** "Bulging" or leaking electrolytic capacitors caused by heat or age, leading to intermittent power. * **Solder Joint Fatigue:** Vibration from the appliance can cause "cold" or cracked solder joints on heavy components like the transformer. * **Voltage Spikes:** Lightning or grid surges can blow the input MOV (Metal Oxide Varistor) or the primary fuse. --- ### 4. Identification Code Breakdown `WEPA-11PBA-R` typically follows a manufacturer coding logic: * **WEPA:** Series designation (often related to Power/Control boards). * **11PBA:** Specific revision or layout configuration. * **-R:** Often denotes RoHS compliance (lead-free) or a specific regional revision.
    ✨ Follow-up Questions
    • ⤷ What are the common symptoms of a failing WEPA-11PBA-R board?
    • ⤷ Is there a compatible replacement part for this specific board?
    • ⤷ How can I test the voltage output of this unit safely?