Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • WEPA-11PC2-R

  • AI
    The **WEPA-11PC2-R** is a specific electrical/electronic component primarily used in industrial power systems, often associated with AC and DC power supplies or control units for specialized machinery. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Technical Specifications The WEPA series is generally categorized as a **Power Supply / Rectifier Unit** or a **Control Module**. While exact specifications can vary based on the specific industrial application (e.g., printing presses or textile machinery), the standard parameters are as follows: | Feature | Specification | | :--- | :--- | | **Component Type** | AC/DC Power Supply Module / Rectifier | | **Input Voltage** | Typically 100-240V AC (Wide Range) | | **Output Voltage** | Usually 24V DC (Regulated) | | **Current Rating** | 1.1A to 2.0A (depending on thermal conditions) | | **Mounting Type** | PCB Mount or Chassis Mount | | **Termination** | Pin connectors (PC-type) | --- ## 2. Key Electronic Parts & Functionality The internal architecture of the WEPA-11PC2-R consists of several critical electronic stages: ### A. Input Protection Stage * **MOV (Metal Oxide Varistor):** Protects the circuit against high-voltage surges. * **Input Fuse:** Provides overcurrent protection in case of internal component failure. ### B. Rectification & Filtering * **Bridge Rectifier:** Converts the incoming AC sine wave into pulsating DC. * **Electrolytic Capacitors:** Large "smoothing" capacitors that reduce ripple voltage to provide a stable DC baseline. ### C. Regulation & Output * **Switching Regulator/IC:** Manages the duty cycle to maintain a precise output voltage regardless of input fluctuations. * **Optocoupler:** Provides galvanic isolation between the high-voltage input and low-voltage output, ensuring safety and signal integrity. --- ## 3. Physical Layout and Connector Pins The "11PC2" suffix typically denotes the physical pin configuration: * **AC Input Pins:** Usually spaced further apart for safety/clearance. * **DC Output Pins:** Often color-coded or grouped at the opposite end. * **Mounting Ears:** The "-R" suffix often indicates a specific revision or a "Refined" casing style for better heat dissipation. --- ## 4. Common Applications * **Industrial Automation:** Powering PLC sensors and small actuators. * **Specialized Machinery:** Frequently found in high-end Japanese industrial equipment (e.g., KOMORI or specialized printing electronics). * **Communication Hubs:** Used as a localized power source for signal processing boards.
    ✨ Follow-up Questions
    • ⤷ What are the typical failure symptoms of the WEPA-11PC2-R module?
    • ⤷ Are there compatible alternatives for this specific power module?
    • ⤷ How do you test the output voltage stability on this unit?