Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • WEPA-12PBA-R

  • AI
    The **WEPA-12PBA-R** is an industrial-grade AC/DC power supply module, commonly utilized in telecommunications, industrial automation, and server infrastructure. It is designed to convert high-voltage AC input into a stabilized 12V DC output with high efficiency. --- ### 1. Technical Specifications Below are the primary electronic characteristics of the WEPA-12PBA-R module: | Feature | Specification | | :--- | :--- | | **Input Voltage** | 100V - 240V AC (Universal Input) | | **Output Voltage** | +12.2V DC (Main Rail) | | **Output Current** | Approx. 80A - 100A (Model dependent) | | **Total Power Rating** | 1200 Watts | | **Efficiency Rating** | 80 PLUS Platinum / Titanium equivalent | | **Cooling** | Integrated Forced Air (Internal Fan) | | **Interface** | Edge Connector (Hot-swappable) | --- ### 2. Key Electronic Components & Subsystems The module is comprised of several sophisticated electronic stages to ensure power stability and safety: * **EMI/EMC Filter Stage:** Consists of X/Y capacitors and common-mode chokes. Its purpose is to filter out electromagnetic interference from the AC line and prevent the power supply's switching noise from leaking back into the grid. * **Power Factor Correction (PFC):** An active PFC circuit (typically utilizing high-speed MOSFETs and a boost inductor) ensures the power factor remains close to 0.99, reducing reactive power loss. * **DC-DC Resonant Converter:** Uses an **LLC Resonant Topology** to switch voltages at zero voltage (ZVS) or zero current (ZCS). This minimizes switching losses and allows for the high power density found in the 12PBA series. * **Synchronous Rectification:** On the secondary (output) side, Schottky diodes are replaced by low $R_{DS(on)}$ MOSFETs. This significantly reduces heat generation and increases the overall efficiency of the 12V rail. * **Microcontroller Unit (MCU):** An internal logic board monitors real-time statistics such as temperature, fan speed, and load. It communicates with the host system via the **I2C / PMBus** protocol. --- ### 3. Protection Circuits To protect the connected hardware, the WEPA-12PBA-R includes several hardware-level safeguards: 1. **OVP (Over Voltage Protection):** Shuts down if the output exceeds ~13.5V. 2. **OCP (Over Current Protection):** Limits current to prevent traces from melting during a short circuit. 3. **OTP (Over Temperature Protection):** Increases fan speed or throttles power if internal thermistors detect excessive heat. --- ### 4. Pinout and Connectivity The module typically uses a "Golden Finger" PCB edge connector. This interface carries: * **High Current Pads:** For +12V and Ground. * **Signal Pins:** For `PS_ON` (Remote turn on), `PS_Kill` (Safety interlock), and `SDA/SCL` (Data communication).
    ✨ Follow-up Questions
    • ⤷ What is the specific PMBus address for the WEPA-12PBA-R?
    • ⤷ Can this power supply be used in a parallel (N+1) configuration?
    • ⤷ What are the dimensions and form factor of this module?