Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • WEPA-13PD2-R

  • AI
    The **WEPA-13PD2-R** is a specific electronic component typically identified as a **high-precision thin-film resistor network** or a specialized **surface-mount resistor array**. These components are frequently used in precision instrumentation and automotive electronics where stability and space-saving are critical. --- ### 1. General Specifications While specific datasheets can vary by manufacturer (often associated with brands like **Walsin** or specialized precision firms), the "WEPA" series generally follows these technical parameters: | Feature | Typical Specification | | :--- | :--- | | **Component Type** | Thin Film Resistor Network / Array | | **Configuration** | Isolated or Bussed Resistors | | **Tolerance** | $\pm 0.1\%$ to $\pm 1\%$ (High Precision) | | **Temperature Coefficient (TCR)** | $\pm 25 \text{ ppm/}^\circ\text{C}$ to $\pm 50 \text{ ppm/}^\circ\text{C}$ | | **Package Style** | SMD (Surface Mount Device) | | **Termination** | RoHS Compliant Lead-free (R suffix) | --- ### 2. Breakdown of Part Numbering (Typical) To understand the "Electronic Parts" within the unit, we can break down the nomenclature: * **WEPA**: The series designation (often indicating High Precision Thin Film). * **13**: Refers to the physical size or the number of pins/elements (e.g., 0603 or 1206 footprint for arrays). * **P**: Power rating or Precision class. * **D**: Tolerance code (usually representing $\pm 0.5\%$). * **2**: Resistance multiplier or circuit configuration (e.g., 2 isolated resistors). * **R**: Packaging code (usually Taping & Reel) or RoHS compliance. --- ### 3. Key Electronic Characteristics #### A. Thin Film Technology Unlike standard "Thick Film" resistors, the WEPA series uses a thin layer of resistive material sputtered onto a ceramic substrate. This provides: * **Low Noise:** Ideal for audio or sensitive signal processing. * **High Stability:** Minimal resistance drift over the component's lifespan. #### B. Thermal Performance The "R" suffix and the construction ensure that the part can operate reliably under thermal stress. The heat dissipation is uniform across the array, preventing "hot spots" that occur in discrete resistors. #### C. Applications 1. **Voltage Dividers:** Because the resistors are on the same substrate, they track temperature changes together (Ratio Matching). 2. **Operational Amplifiers:** Used in feedback loops for gain control. 3. **Automotive ECU:** Sensors and control units requiring tight tolerances. --- ### 4. Identification Table | Part Component | Function | | :--- | :--- | | **Substrate** | High-purity Alumina (Ceramic) | | **Resistive Layer** | Nichrome (NiCr) or Tantalum Nitride | | **Protective Coat** | Epoxy or Glass overcoat for moisture resistance | | **Termination** | Solderable Sn (Tin) over Ni (Nickel) barrier |
    ✨ Follow-up Questions
    • ⤷ What are the exact resistance values available for the WEPA-13PD2-R series?
    • ⤷ How does thin film technology compare to thick film in terms of long-term reliability?
    • ⤷ What is the standard operating temperature range for this resistor array?