Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • WIW1028-R-201

  • AI
    The **WIW1028-R-201** is a specific model of a **Trimming Potentiometer** (often called a "trimpot"). These are high-precision variable resistors used for fine-tuning circuits during the manufacturing or calibration process. --- ### 1. Technical Specifications The part number follows a standard coding system for electronic components. Here is the breakdown of its primary characteristics: | Parameter | Specification | | :--- | :--- | | **Component Type** | Cermet Trimming Potentiometer | | **Resistance Value** | 200 $\Omega$ (indicated by "201") | | **Adjustment Type** | Top Adjustment | | **Number of Turns** | Multi-turn (typically 25 turns) | | **Power Rating** | 0.5W at 70°C | | **Tolerance** | ±10% | | **Mounting Type** | Through-hole (PCB) | --- ### 2. Decoding the Model Number * **WIW1028:** This refers to the physical series and casing style. The "1028" style is generally rectangular with a lead screw mechanism for high-precision adjustments. * **R:** Usually indicates the orientation or terminal style (e.g., side or top adjustment). * **201:** This is the resistance code. * The first two digits (**20**) are the significant figures. * The third digit (**1**) is the multiplier ($10^1$). * Calculation: $20 \times 10^1 = 200 \Omega$. --- ### 3. Key Features * **Multi-Turn Precision:** Unlike a standard volume knob (single turn), this requires 25 full rotations to move the wiper from 0 to 200 ohms. This allows for extremely granular control. * **Cermet Element:** Made from a Ceramic-Metal composite, offering better stability and lower temperature coefficients than carbon-based potentiometers. * **Wiper Action:** As the screw is turned, a "wiper" moves across the resistive element, changing the voltage divider ratio or resistance level between the center pin and the outer pins. --- ### 4. Common Applications These parts are not meant for frequent user adjustment. They are "set and forget" components used in: 1. **Voltage Regulators:** Setting the exact output voltage. 2. **Sensor Calibration:** Zeroing out an analog sensor. 3. **Audio Equipment:** Adjusting bias current in amplifiers. 4. **Timing Circuits:** Fine-tuning the frequency of an oscillator.
    ✨ Follow-up Questions
    • ⤷ How do I wire this potentiometer for use as a variable resistor versus a voltage divider?
    • ⤷ What is the physical size/footprint of the WIW1028 series?
    • ⤷ What are the environmental temperature limits for cermet trimpots?