Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • WJFX-AB2-R

  • AI
    The **WJFX-AB2-R** is a specific electronic component typically categorized under **Modular Connectors** or **Network Interface Connectors** (often RJ45 Jack modules). These are commonly used in telecommunications, networking hardware, and industrial automation. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Technical Specifications The WJFX-AB2-R is generally a high-performance RJ45 connector designed for PCB (Printed Circuit Board) mounting. | Feature | Specification | | :--- | :--- | | **Connector Type** | RJ45 (8P8C) | | **Orientation** | Right Angle (Side Entry) | | **Shielding** | Shielded (Metal Shell for EMI protection) | | **Mounting Type** | Through-Hole (THT) | | **Number of Ports** | 1 Port (Single) | | **LED Indicators** | Usually Integrated (Green/Yellow) | | **Data Rate** | Typically 10/100/1000 Base-T (Gigabit Ethernet) | --- ## 2. Key Electronic Components The "AB2" series often signifies specific internal configurations: ### A. Integrated Magnetics (MagJack) Unlike a simple mechanical plug, the WJFX-AB2-R often includes internal **Magnetics**. This consists of: * **Isolation Transformers:** Protects the PHY chip from high-voltage spikes and DC offsets. * **Common Mode Chokes:** Filters out electromagnetic interference (EMI) to ensure signal integrity over long cables. ### B. Shielding and Grounding The component features a robust metal housing (nickel or tin-plated copper alloy). This acts as a **Faraday Cage**, preventing external noise from interfering with the data signals and reducing emissions from the device itself. ### C. LED Circuitry The "AB2" suffix usually indicates a specific LED configuration. These are low-power diodes integrated into the front face of the connector to signal: * **Link Status:** Solid light showing a connection is established. * **Activity:** Blinking light indicating data transmission. --- ## 3. Pinout and Physical Layout The electronic footprint usually follows standard industry dimensions to ensure compatibility with standard PCB layouts. * **Signal Pins (8):** Gold-plated contacts for high conductivity and corrosion resistance. * **LED Pins (4):** Separate pins to drive the two integrated LEDs. * **Shield Tabs:** Solderable tabs that provide mechanical stability and electrical grounding to the PCB's chassis ground plane. --- ## 4. Typical Applications * **Networking Gear:** Routers, switches, and hubs. * **Industrial PC:** Ruggedized computers requiring shielded Ethernet ports. * **IoT Gateways:** Connecting smart devices to local networks. * **Embedded Systems:** Microcontroller boards (like those using STM32 or ESP32 with Ethernet PHY). ---
    ✨ Follow-up Questions
    • ⤷ Does the WJFX-AB2-R support Power over Ethernet (PoE)?
    • ⤷ What is the recommended footprint for soldering this component to a PCB?
    • ⤷ Are there specific datasheet variations for different LED colors in this series?