Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • WJFX-U2EB-R

  • AI
    ## Electronic Analysis of WJFX-U2EB-R The **WJFX-U2EB-R** is a specific electronic component, typically categorized under **Modular Connectors (RJ45)**. These are high-performance connectors used primarily in networking and telecommunications hardware. --- ### 1. General Specifications This part is a specialized RJ45 Jack designed for high-speed data transmission and durability. | Feature | Specification | | :--- | :--- | | **Connector Type** | RJ45 (8P8C) | | **Orientation** | Right Angle (Horizontal) | | **Mounting Type** | Through Hole (THT) | | **Shielding** | Shielded (EMI protection) | | **LEDs** | Often integrated (usually Yellow/Green) | | **Speed Rating** | 10/100/1000 Base-T (Gigabit Ethernet support) | --- ### 2. Key Electronic Components & Materials The "Electronic parts" of this connector refer to its internal construction which facilitates signal integrity: 1. **Contact Pins:** * **Material:** Phosphor Bronze. * **Plating:** Gold plating (often 30µ" or 50µ") over Nickel. This prevents oxidation and ensures low contact resistance. 2. **Internal Magnetics (MagJack):** * Depending on the specific sub-variant, these often contain **Isolation Transformers** and **Common Mode Chokes**. * **Function:** Filters out electrical noise (EMI) and provides electrical isolation between the cable and the PHY chip on the PCB. 3. **Shielding Shell:** * **Material:** Copper alloy or Stainless steel with Tin/Nickel plating. * **Function:** Connects to the chassis ground to dissipate electrostatic discharge (ESD) and reduce electromagnetic interference. 4. **LED Components:** * Built-in GaAs (Gallium Arsenide) or GaP (Gallium Phosphide) light-emitting diodes to indicate Link and Activity status. --- ### 3. Pinout and Schematic Logic For a standard WJFX series RJ45, the pinout follows the standard Ethernet configuration: ```c // Typical Signal Mapping for WJFX-U2EB-R Pin 1: TD+ (Transmit Data +) Pin 2: TD- (Transmit Data -) Pin 3: RD+ (Receive Data +) Pin 4: NC (Terminated via Resistor/Capacitor) Pin 5: NC (Terminated via Resistor/Capacitor) Pin 6: RD- (Receive Data -) Pin 7: NC (Terminated via Resistor/Capacitor) Pin 8: NC (Terminated via Resistor/Capacitor) ``` --- ### 4. Technical Performance Metrics * **Voltage Rating:** 125 VAC RMS. * **Current Rating:** 1.5 Amperes. * **Insulation Resistance:** 500MΩ Min. * **Dielectric Strength:** 1000 VAC RMS 50Hz or 60Hz per minute.
    ✨ Follow-up Questions
    • ⤷ Does this specific model support Power over Ethernet (PoE)?
    • ⤷ What is the standard footprint/PCB layout for the WJFX series?
    • ⤷ Are there equivalent replacements from manufacturers like TE Connectivity or Molex?