Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • WJM-13A-R

  • AI
    ## Overview of the WJM-13A-R The **WJM-13A-R** is a specific model of a **Miniature Intermediate Power Relay**. These components are widely used in industrial automation, control panels, and consumer electronics to switch high-current loads using a low-power control signal. --- ### Key Technical Specifications The electronic capabilities of the WJM-13A-R are defined by its coil and contact ratings. | Parameter | Specification (Typical) | | :--- | :--- | | **Contact Form** | 1 Form A (SPST-NO) or 1 Form C (SPDT) | | **Contact Material** | Silver Alloy (AgSnO2 or AgCdO) | | **Max Switching Current** | 13A to 15A | | **Max Switching Voltage** | 250VAC / 30VDC | | **Coil Nominal Voltage** | 5V, 12V, or 24V DC (Model dependent) | | **Coil Power Consumption** | Approx. 0.36W to 0.45W | | **Dielectric Strength** | 2,500V AC (between coil and contacts) | --- ### Main Electronic Components The device consists of three primary internal sub-assemblies: #### 1. The Control Circuit (Coil) * **The Electromagnetic Coil:** A fine copper wire winding around an iron core. When DC current flows through it, it creates a magnetic field. * **Sensitivity:** This model is designed for high sensitivity, meaning it requires very little current to actuate the switch, making it compatible with microcontroller outputs (via a transistor). #### 2. The Switching Mechanism (Contacts) * **Stationary & Movable Contacts:** These are the "power" side of the relay. The **-R** suffix often denotes a specific contact material or environmental sealing (Resin-protected/Sealed) to prevent oxidation. * **Arc Suppression:** The physical gap and material composition are designed to minimize electrical arcing when the circuit is broken under load. #### 3. The Structural Housing * **Insulation Base:** Made of high-grade plastic (often UL94V-0 rated) to prevent leakage current. * **Terminal Pins:** Standard PCB-mount pins designed for easy soldering onto a circuit board. --- ### Applications * **Home Appliances:** Air conditioners, heaters, and microwave ovens. * **Office Equipment:** Printers and copiers. * **Industrial:** PLC output modules and motor control. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 12V and 24V versions of this relay?
    • ⤷ Can this relay be used to control a 220V AC motor?
    • ⤷ What does the '-R' suffix specifically indicate for this manufacturer?