Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • WJM-14D-R

  • AI
    The **WJM-14D-R** is typically categorized as a **Medium Power Power Relay**, often utilized in industrial control systems and automation. Below is a detailed breakdown of its electronic components, technical specifications, and internal structure. --- ## 1. Internal Components & Construction A relay of this type consists of four primary electronic and mechanical parts: | Component | Function | | :--- | :--- | | **Electromagnetic Coil** | Converts electrical energy into a magnetic field to pull the armature. | | **Armature** | The moving part that opens or closes the contacts when magnetized. | | **Contact Points** | Usually made of Silver Alloy (AgSnO2 or AgNi) to ensure high conductivity and durability. | | **Return Spring** | Returns the armature to its original position when the coil power is removed. | --- ## 2. Technical Specifications While specific brands (like Songle, Omron, or local Chinese manufacturers) may have slight variations, the "14D-R" series generally follows these standard parameters: ### Electrical Characteristics * **Contact Form:** Typically **1C (SPDT - Single Pole Double Throw)** or **2C (DPDT)**. * **Contact Rating:** Usually rated for **5A to 10A** at 250VAC or 30VDC. * **Coil Voltage:** The "D" often signifies **DC Voltage** (Commonly 12VDC or 24VDC). * **Insulation Resistance:** ≥ 100MΩ (at 500VDC). * **Dielectric Strength:** ~1000VAC between open contacts; ~1500VAC between coil and contacts. ### Physical Features * **Mounting:** PCB (Printed Circuit Board) through-hole pins. * **Sealing:** Usually "R" indicates a **Resin-sealed** or "Wash-tight" construction, protecting internal parts from dust and soldering flux. --- ## 3. Circuit Symbol & Pinout Configuration A standard WJM-14D-R relay usually features 5 or 8 pins depending on the contact configuration: ```text Pin 1 & 2: Coil connections (Input) Pin 3: Common (COM) Pin 4: Normally Closed (NC) Pin 5: Normally Open (NO) ``` --- ## 4. Typical Applications * **Home Appliances:** Air conditioners, microwave ovens, and heaters. * **Industrial Automation:** PLC output modules and motor control. * **Power Supplies:** Used in Uninterruptible Power Supplies (UPS) for switching between battery and mains. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific coil voltage for your WJM-14D-R model?
    • ⤷ Do you need a circuit diagram for connecting this relay to a microcontroller?
    • ⤷ Are you looking for a direct cross-reference or equivalent part from a different manufacturer?