Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • WJM-155W-R

  • AI
    The **WJM-155W-R** is an industrial-grade **High-Pressure Water Jet Pump/System**, typically used in heavy-duty cleaning, surface preparation, or hydro-demolition. While the core of the machine is mechanical (plunger pumps), its operation is governed by a sophisticated electronic control system. Below is an overview of the electronic components and their functions. --- ### 1. Main Electronic Control Components | Component | Description | Function | | :--- | :--- | :--- | | **Variable Frequency Drive (VFD)** | Power electronics module | Controls the motor speed (RPM) to adjust water pressure and reduce energy consumption. | | **Programmable Logic Controller (PLC)** | The "Brain" of the unit | Processes sensor data and executes logic sequences for startup, operation, and safety shutdowns. | | **Human Machine Interface (HMI)** | Digital touch screen | Allows the operator to monitor real-time PSI, flow rate, and error logs. | | **Soft Starter** | Current limiter | Reduces the initial current surge when the high-horsepower motor begins to spin. | --- ### 2. Sensor and Monitoring Network To ensure safety and precision, the WJM-155W-R utilizes several electronic sensors: * **Pressure Transducers:** Convert hydraulic pressure into 4-20mA or 0-10V electrical signals for the PLC to read. * **Temperature Probes (RTDs/Thermocouples):** Monitor pump oil temperature and water inlet temperature to prevent overheating. * **Flow Meters:** Electronic sensors that measure the volume of water passing through the system per minute. * **Low-Water Level Switches:** Floating or ultrasonic sensors that electronically shut down the pump if the water supply is insufficient (preventing cavitation). --- ### 3. Safety & Protection Electronics The electronic assembly includes specific hardware to protect the machine and the user: 1. **Emergency Stop (E-Stop) Circuit:** A hardwired series circuit that cuts power to the contactors immediately upon activation. 2. **Overload Relays:** Protect the electric motor from drawing excessive current, which could melt internal windings. 3. **Solenoid Valves:** Electrically controlled valves that manage the bypass system, allowing the pump to "idle" without building dangerous pressure when the trigger is released. --- ### 4. Technical Specifications (Typical Electronic Load) ```yaml System_Voltage: 380V - 480V (Three-Phase) Control_Voltage: 24V DC (Standard for PLC/Sensors) Enclosure_Rating: IP55 or IP65 (Water/Dust Resistance) Communication_Protocols: Modbus RTU / CANbus (for remote diagnostics) ```
    ✨ Follow-up Questions
    • ⤷ What are the common error codes displayed on the WJM-155W-R HMI?
    • ⤷ How do you calibrate the pressure transducers in this system?
    • ⤷ Can this unit be integrated into a remote SCADA network?