Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • WJM-15WA-R

  • AI
    The **WJM-15WA-R** is a specific electronic component, typically categorized as a **Water Flow Sensor** or a **Flow Switch** used in industrial and consumer appliances like water heaters, water purifiers, and cooling systems. --- ## 1. Technical Specifications The "15WA" designation usually indicates the pipe diameter or the flow rate capacity. Below are the typical electronic characteristics for this series: | Parameter | Typical Value | | :--- | :--- | | **Operating Voltage** | DC 5V to 24V | | **Output Type** | Pulse Signal (NPN/Hall Effect) | | **Current Consumption** | ≤ 10mA (at 5V DC) | | **Flow Range** | 1 - 25 L/min (approximate) | | **Accuracy** | ±3% to 5% | | **Insulation Resistance** | > 100MΩ | | **Connection Thread** | G 1/2" (Standard) | --- ## 2. Key Electronic Components The internal construction of the WJM-15WA-R relies on three main electronic/mechanical interactions: ### A. Hall Effect Sensor The heart of the device is a **Hall Effect Integrated Circuit (IC)**. - **Function:** It detects the magnetic field changes as a turbine rotates. - **Output:** It generates a square wave pulse signal. The frequency of the pulse is directly proportional to the velocity of the water flow. ### B. Magnetic Rotor Inside the plastic housing is a turbine with a small permanent magnet embedded. - As water passes through, the turbine spins. - The Hall sensor detects each rotation, allowing the connected microcontroller (like an Arduino or PLC) to calculate the volume of liquid passing through. ### C. Signal Wiring The device typically uses a 3-wire interface: 1. **Red (VCC):** Positive power supply. 2. **Black (GND):** Ground. 3. **Yellow (Signal):** Pulse output (Pulse-Width Modulation or Frequency signal). --- ## 3. Working Principle (Flow to Signal) The conversion from physical movement to electronic data follows this logic: ```python # Conceptual logic for a microcontroller reading the WJM-15WA-R flow_frequency = read_pulse_input() # Example formula: Flow rate (L/min) = Frequency / Constant (7.5 for some G1/2 sensors) liters_per_minute = flow_frequency / 7.5 ``` --- ## 4. Typical Applications * **Water Heaters:** Ensuring the heating element only activates when water is flowing. * **Smart Faucets:** Measuring usage for water conservation. * **Cooling Systems:** Monitoring coolant flow in PC liquid cooling or industrial lasers to prevent overheating.
    ✨ Follow-up Questions
    • ⤷ What is the exact pulse constant (K factor) for the WJM-15WA-R?
    • ⤷ How do I wire this sensor to an Arduino or PLC?
    • ⤷ What is the maximum pressure rating for this specific flow sensor?