Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • WJM-1G4-R

  • AI
    The **WJM-1G4-R** is a high-performance **Magnetic RJ45 Connector** (often called a "MagJack"). It is primarily used in networking hardware to combine a physical RJ45 Ethernet port with the necessary magnetic components (transformers and chokes) required for signal conditioning and isolation. --- ### 1. Key Technical Specifications The WJM-1G4-R is designed to support high-speed data transfer while protecting the integrated circuit (PHY) from electrical noise and surges. | Feature | Specification | | :--- | :--- | | **Data Rate** | 10/100/1000 Base-T (Gigabit Ethernet) | | **Configuration** | 1x1 Tab-Up (Single Port) | | **LED Colors** | Typically Green/Yellow (indicates Link/Activity) | | **Shielding** | Brass with Nickel plating (EMI protection) | | **Mounting Type** | Through-Hole (THT) | | **Isolation Voltage** | 1500 Vrms (Minimum) | --- ### 2. Internal Electronic Components The "Magic" of the WJM-1G4-R lies inside the housing. It is not just a plastic socket; it contains a miniature PCB with several components: #### A. Isolation Transformers These provide galvanic isolation between the Ethernet cable and the device’s internal electronics. They protect the system from high-voltage transients and ground loops. #### B. Common Mode Chokes These are used to suppress electromagnetic interference (EMI). They filter out high-frequency noise that might be picked up by the twisted-pair cabling, ensuring signal integrity. #### C. Termination Resistors (Bob Smith Termination) The internal circuit usually includes a network of resistors (often 75 ohms) and a high-voltage capacitor. This helps in matching impedance and reducing common-mode emissions. #### D. Integrated LEDs The front of the connector features two LEDs. These are connected to the system's Ethernet Controller to provide visual status: * **Solid Green:** Successful link established. * **Flashing Yellow:** Data packets are being transmitted or received. --- ### 3. Pinout and Circuit Layout The device typically follows a standard footprint for Gigabit Ethernet: ```text Connector Side (RJ45) Internal Magnetics PCB Side (PHY) [ 8 Pins ] ------------> [ Transformers ] --------> [ 10-12 Pins ] [ & Chokes ] ``` * **Input (Cable Side):** Standard 8-pin RJ45 interface. * **Output (Board Side):** Usually 10 or 12 pins that solder into the motherboard, including data pairs and LED anodes/cathodes. --- ### 4. Applications Because of its integrated nature, the WJM-1G4-R is used where PCB space is limited and high reliability is needed: * **Network Switches and Routers.** * **Industrial PCs and Servers.** * **Embedded Systems (IoT Gateways).** * **Smart Televisions and Set-top boxes.**
    ✨ Follow-up Questions
    • ⤷ What is the difference between Tab-Up and Tab-Down orientations in RJ45 connectors?
    • ⤷ How do the internal magnetics protect the Ethernet PHY chip?
    • ⤷ Can the WJM-1G4-R support Power over Ethernet (PoE) applications?