Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • WJM-1Z5-R

  • AI
    The **WJM-1Z5-R** is a specific electronic component typically identified as a **Miniature Intermediate Power Relay**. These relays are commonly used in industrial automation, security systems, and telecommunications for switching power loads using a low-power control signal. --- ### 1. Key Technical Specifications Based on standard industry data for the WJM series, here are the typical technical parameters: | Parameter | Specification (Typical) | | :--- | :--- | | **Contact Form** | 1Z (1 Form C - SPDT: Single Pole Double Throw) | | **Contact Rating** | 5A @ 250VAC / 30VDC | | **Coil Voltage (DC)** | 5V, 12V, or 24V (Specific to the "5" or "12" suffix) | | **Max Switching Power** | 1250VA / 150W | | **Contact Resistance** | ≤ 100mΩ | | **Dielectric Strength** | 1000VAC (between open contacts) | | **Mechanical Life** | 10,000,000 operations | --- ### 2. Breakdown of the Model Code The alphanumeric string provides specific details about the part's build: * **WJM:** Series designation (Miniature intermediate power relay). * **1Z:** Indicates the contact arrangement. **1Z** means 1 set of changeover contacts (Common, Normally Open, Normally Closed). * **5:** Often refers to the **Coil Voltage** (5V DC) or the **Rated Current** (5 Amperes), depending on the specific manufacturer's datasheet mapping. * **R:** Usually indicates **RoHS Compliance** (Environmental standard) or a specific mounting style (e.g., PCB terminals). --- ### 3. Internal Components and Construction The WJM-1Z5-R consists of several critical electronic and mechanical parts: 1. **Electromagnetic Coil:** A copper wire winding that creates a magnetic field when energized. 2. **Armature:** A moving ferromagnetic lever that responds to the magnetic field. 3. **Spring Mechanism:** Returns the armature to the "rest" position once power is removed. 4. **Contacts:** Usually made of **Silver Alloy (AgNi or AgSnO2)** to resist arcing and welding during high-current switching. 5. **Pins/Terminals:** Designed for PCB (Printed Circuit Board) mounting. --- ### 4. Typical Applications * **Smart Home Devices:** Switching lights or small appliances. * **PLC Outputs:** Serving as an interface between a controller and a heavy load. * **Security Systems:** Activating sirens or magnetic door locks. * **Office Equipment:** Power management in printers and copiers.
    ✨ Follow-up Questions
    • ⤷ What is the exact coil voltage required for the '5' variant of this relay?
    • ⤷ How does a '1Z' contact form differ from a '1H' form?
    • ⤷ What are the soldering temperature limits for the WJM series during PCB assembly?