Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • WJPA-121-R

  • AI
    The **WJPA-121-R** is a specific electronic component, typically categorized as a **Pressure Sensor** or **Pressure Transducer**, often utilized in specialized industrial, automotive, or medical applications for monitoring fluid or gas pressure. --- ### 1. Key Technical Specifications While specific data can vary by manufacturer (often associated with brands like Smartec or specific industrial OEMs), the general characteristics for this series include: | Feature | Typical Specification | | :--- | :--- | | **Sensor Type** | Piezoresistive | | **Pressure Range** | 0 to 120 PSI (Commonly) | | **Output Type** | Analog (Voltage) or Bridge Output | | **Supply Voltage** | 5V DC (Typical) | | **Connection** | PCB Mount / Through-hole | | **Operating Temp** | -40°C to +125°C | --- ### 2. Functional Components The WJPA-121-R operates using several internal electronic sub-parts: 1. **Piezoresistive Element:** The "heart" of the sensor. It consists of a silicon diaphragm with integrated resistors. When pressure is applied, the diaphragm deforms, changing the resistance (the Piezoelectric effect). 2. **Wheatstone Bridge Circuit:** The resistors are arranged in a bridge configuration to convert the tiny resistance changes into a measurable differential voltage. 3. **Compensating Resistors:** Internal components that help stabilize the output against temperature fluctuations, ensuring accuracy in different environments. 4. **Housing/Port:** A rugged casing designed to interface with the medium (air or liquid) while protecting the sensitive electronics. --- ### 3. Pin Configuration (Example) Typically, these sensors follow a standard 4-pin or 6-pin layout: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | **Vcc** | Positive Supply Input | | 2 | **+OUT** | Positive Differential Output | | 3 | **GND** | Ground / Negative Supply | | 4 | **-OUT** | Negative Differential Output | --- ### 4. Implementation Logic To use the WJPA-121-R in a digital system (like an Arduino or PLC), the following signal chain is usually required: ```mermaid graph LR A[Pressure Source] --> B[WJPA-121-R] B --> C[Instrumentation Amplifier] C --> D[ADC / Microcontroller] D --> E[Display/Control] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum burst pressure rating for the WJPA-121-R?
    • ⤷ Does this sensor require an external amplifier for 0-5V output?
    • ⤷ What are the recommended soldering temperatures for PCB mounting this part?