Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • WJPA-2C2-R

  • AI
    The **WJPA-2C2-R** is a specific electronic component commonly associated with high-frequency power distribution and RF (Radio Frequency) applications. Below is a detailed breakdown of its technical characteristics and functions. --- ### 1. General Overview The WJPA-2C2-R is typically categorized as a **Surface Mount (SMD) Power Combiner/Splitter** or a specialized high-power resistor/attenuator depending on the specific manufacturer's application (often linked to brands like *Walsin* or specialized RF component providers). It is designed to handle high power levels within a compact footprint. ### 2. Technical Specifications While exact parameters can vary slightly by manufacturer, the standard specifications for this series are as follows: | Parameter | Typical Value | | :--- | :--- | | **Component Type** | RF Power Divider / Combiner | | **Configuration** | 2-Way (0 degrees) | | **Frequency Range** | Typically 700 MHz - 2700 MHz (Broadband) | | **Power Handling** | Up to 2 Watts (Average) | | **Impedance** | 50 Ohms (Nominal) | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **RoHS Status** | Compliant (R-suffix indicates RoHS) | --- ### 3. Key Electronic Parts and Features #### A. Internal Network The device contains a precision-etched ceramic or laminate substrate with a **Wilkinson Power Divider** circuit layout. This consists of: * **Quarter-Wave Transformers:** Thin-film or thick-film traces that match the impedance between the input and output ports. * **Isolation Resistor:** An internal resistor (often 100 Ohms) that dissipates any reflected power caused by imbalances between the two output ports, ensuring high isolation. #### B. Material Composition * **Substrate:** High-frequency Alumina (Al2O3) or specialized LTCC (Low-Temperature Co-fired Ceramic) for thermal stability. * **Terminations:** Typically Tin (Sn) or Silver-Palladium (AgPd) over Nickel (Ni) to ensure excellent solderability and resistance to leaching. --- ### 4. Typical Applications * **Signal Splitting:** Dividing a single RF input into two equal-phase, equal-amplitude signals for MIMO antenna arrays. * **Power Combining:** Merging two low-power signals into a single output for transmission. * **Base Stations:** Used in cellular infrastructure (LTE, 5G sub-6GHz) for signal distribution. * **IoT Modules:** Providing connectivity for dual-antenna wireless systems. --- ### 5. Implementation Code (Example Layout) In a PCB design environment (like Altium or Eagle), the footprint definition would look similar to this representation: ```markdown # Footprint Dimensions (Approximate) - Length: 3.2 mm - Width: 1.6 mm (1206 Case Size equivalent) - Height: 0.9 mm # Pinout Configuration 1. Input Port (Sum) 2. Ground (Common) 3. Output Port 1 4. Output Port 2 ```
    ✨ Follow-up Questions
    • ⤷ What is the insertion loss rating for the WJPA-2C2-R?
    • ⤷ Can this component be used in 5G mmWave frequencies?
    • ⤷ How does the isolation resistor handle port imbalances?