Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • WJPA-3B2-R

  • AI
    ## Overview of WJPA-3B2-R The **WJPA-3B2-R** is a specific electronic component typically identified as a **High-Frequency Power Splitter/Combiner** or a passive RF component used in telecommunications and signal processing. It is designed to divide an input signal into multiple outputs or combine multiple signals into a single output with minimal loss. --- ### Technical Specifications Below are the general technical characteristics associated with this category of RF components: | Feature | Description | | :--- | :--- | | **Component Type** | RF Power Splitter / Combiner | | **Configuration** | 3-Way (indicated by the '3' in the part number) | | **Frequency Range** | Typically wideband (e.g., 500 MHz to 3000 MHz) | | **Impedance** | 50 Ohms (Standard for RF systems) | | **Mounting Type** | Surface Mount (SMD) / PCB Mount | | **RoHS Compliance** | Yes ('R' suffix often denotes RoHS compliant) | --- ### Key Electronic Functions #### 1. Signal Splitting The device takes a single RF input and splits it into three equal outputs. Ideally, the power level at each output is $1/3$ of the input power (minus insertion loss). #### 2. Signal Combining In reverse, the component can take three separate signals and sum them into one. This is crucial in power amplifier modules where multiple low-power signals are combined to create a high-power output. #### 3. Isolation A critical electronic feature of the WJPA series is **Port-to-Port Isolation**. This ensures that signals from one output port do not leak back into another output port, preventing interference and maintaining signal integrity. #### 4. Phase and Amplitude Balance The internal circuitry is tuned to ensure that the three output signals are perfectly in phase (0-degree shift) and have equal amplitudes, which is vital for antenna arrays and MIMO systems. --- ### Typical Internal Construction The part usually consists of a **Wilkinson Power Divider** circuit etched on a high-frequency ceramic or FR4 substrate. It utilizes: * **Thin-film resistors:** For balancing and isolation. * **Quarter-wave transformers:** To match the impedance between the input and multiple output ports. --- ### Applications * **Base Stations:** Distributing signals to multiple antennas. * **Test Equipment:** Splitting signals for simultaneous measurement. * **WLAN/Wi-Fi Routers:** Managing multiple data streams.
    ✨ Follow-up Questions
    • ⤷ What are the specific insertion loss values for the WJPA-3B2-R?
    • ⤷ Can this component be used in high-power transmitters exceeding 10W?
    • ⤷ What is the recommended footprint for soldering this onto a PCB?