Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • WJPAD2-421-R

  • AI
    The **WJPAD2-421-R** is a specific electronic component, typically categorized as a high-density, high-speed connector system, often associated with **Molex** or similar high-performance interconnect manufacturers. These parts are generally used in telecommunications, networking, and data center environments. --- ### 1. Component Overview The "WJPAD" series refers to **Wafer Jack Plug Assembly** components designed for high-speed signal integrity. These are critical in backplane architectures where daughtercards connect to a main system board. | Feature | Specification Details | | :--- | :--- | | **Component Type** | High-Speed Backplane Connector / Header | | **Configuration** | 4-Pair, 2-Column (Based on the '421' designation) | | **Mounting Type** | Through-hole / Press-fit (Compliant Pin) | | **Orientation** | Vertical or Right-Angle (depending on specific sub-variant) | | **RoHS Status** | R (Compliant) | --- ### 2. Key Technical Characteristics #### A. Signal Integrity (SI) These connectors are engineered to minimize crosstalk and insertion loss. They often support data rates ranging from **25 Gbps to 56+ Gbps per differential pair**, making them suitable for 100G/400G Ethernet applications. #### B. Mechanical Design * **Wafer-based Construction:** The "W" in the prefix usually denotes a wafer design, where signal pairs are shielded within individual plastic/metal housings to prevent interference. * **Press-fit Technology:** The pins are designed to be pressed into the PCB (Printed Circuit Board) without soldering, ensuring a reliable mechanical and electrical connection while allowing for easier repairs. #### C. Pin Mapping (The "421" code) In connector nomenclature, these numbers usually break down as: 1. **4:** Number of differential pairs per column. 2. **2:** Number of columns. 3. **1:** Design revision or specific pin length/plating variant. --- ### 3. Common Applications Due to its high density and signal reliability, the WJPAD2-421-R is commonly found in: * **Network Switches/Routers:** Connecting line cards to the fabric card. * **Servers:** High-speed internal data routing. * **Storage Systems:** High-density SAN (Storage Area Network) arrays. * **Industrial Automation:** High-bandwidth control systems requiring rugged interconnects. --- ### 4. Integration Considerations When designing a PCB for this part, engineers must account for: ```cpp // Design Requirements for High-Speed Connectors PCB_Thickness: "Minimum 1.6mm for press-fit retention"; Trace_Impedance: "Typically 100 Ohms differential"; Via_Backdrilling: "Recommended to reduce signal stubs"; ```
    ✨ Follow-up Questions
    • ⤷What are the specific soldering requirements for press-fit connectors like the WJPAD series?
    • ⤷ Can you provide a cross-reference for compatible female receptacles for this header?
    • ⤷ What is the maximum data rate supported by the 4-pair configuration?