Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • WJPAD2-74WD-R

  • AI
    The **WJPAD2-74WD-R** is a specific electronic component, typically categorized as a high-performance **Directional Coupler** or a passive RF distribution component, often used in telecommunications and CATV (Community Antenna Television) infrastructure. --- ### 1. Component Overview A directional coupler is used to sample a specific amount of signal power from a main transmission line without significantly interrupting the flow of the signal. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Directional Coupler / Power Taps | | **Frequency Range** | Typically 5 MHz to 1218 MHz (DOCSIS 3.1 Compliant) | | **Impedance** | 75 Ohms (Standard for Cable/RF Video) | | **Mounting Type** | Surface Mount (SMD) or Plug-in Module | | **Common Application** | CATV Headends, Optical Nodes, and Distribution Amplifiers | --- ### 2. Key Electronic Characteristics The WJPAD2-74WD-R is designed to maintain signal integrity across broad bandwidths. Below are the primary technical parameters: * **Coupling Value:** The "74" in the part number often indicates a specific decibel (dB) loss or coupling factor assigned to that variant. * **Insertion Loss:** This represents the amount of signal lost as it passes through the main line. High-quality couplers like this aim for $< 1.5 \text{ dB}$. * **Isolation:** This measures the "leakage" between ports. High isolation prevents unwanted reflected signals from interfering with the source. * **Return Loss:** Indicates how well the component matches the 75-ohm impedance; high return loss is desirable to prevent signal ghosting or data errors. --- ### 3. Internal Circuitry Internally, these parts consist of a **Ferrite Core Transformer** bridge. The design allows for: 1. **Main Line (IN to OUT):** Minimal resistance for the primary signal. 2. **Coupled Port (TAP):** A specific fraction of the power is diverted here for monitoring or distribution. 3. **Isolation (Reverse):** Signals traveling backward from the output are heavily attenuated before reaching the tap port. --- ### 4. Typical Use Cases * **Signal Monitoring:** Tapping a small portion of a high-power signal to feed into a test meter or spectrum analyzer. * **Daisy-Chaining:** Linking multiple distribution points in a building where each floor "taps" off a portion of the main signal. * **Feedback Loops:** Used in RF amplifiers to provide a sample signal back to an Automatic Gain Control (AGC) circuit.
    ✨ Follow-up Questions
    • ⤷ What is the specific coupling loss in dB for the 74WD-R variant?
    • ⤷ Can this component be used in 50-ohm wireless systems?
    • ⤷ What are the soldering specifications for mounting this SMD part?