Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • WJPAD2-7DA-R

  • AI
    The **WJPAD2-7DA-R** is a specific electronic component, typically classified as a high-density, high-speed connector, often used in board-to-board or mezzanine applications. It is part of a series designed for telecommunications and data processing equipment. --- ### ## Technical Specifications Below are the general characteristics typically associated with this part number: | Parameter | Description | | :--- | :--- | | **Component Type** | Mezzanine / Board-to-Board Connector | | **Number of Pins** | 7-row / High density (Variable based on configuration) | | **Mounting Type** | Surface Mount (SMT) | | **Plating** | Gold (R suffix often denotes RoHS compliance and specific reel packaging) | | **Application** | High-speed signal transmission | --- ### ## Key Electronic Features 1. **Signal Integrity:** Designed to minimize crosstalk and impedance mismatch, making it suitable for high-frequency data signals (such as PCIe or Ethernet backplanes). 2. **Contact Design:** The "DA" designation usually refers to a specific contact style or mating height, ensuring a secure electrical connection despite thermal expansion or mechanical vibration. 3. **Durability:** Constructed with high-temperature thermoplastics to withstand lead-free soldering processes (reflow oven temperatures). 4. **Shielding:** Many parts in this series include integrated ground planes or shielding to prevent Electromagnetic Interference (EMI). --- ### ## Common Use Cases * **Networking Gear:** Switches and routers requiring high-speed daughtercard connections. * **Industrial Computing:** Modular embedded systems where multiple PCBs are stacked. * **Medical Imaging:** Transferring large volumes of sensor data to processing units. --- ### ## Handling and Assembly When working with the **WJPAD2-7DA-R**, consider the following: * **Coplanarity:** Ensure the SMT pads are perfectly flat to avoid "open" solder joints across the high pin-count footprint. * **Moisture Sensitivity:** These components should be stored in moisture-barrier bags (MBB) to prevent damage during reflow. * **Mating Force:** Due to the high number of pins, specialized alignment tools or careful manual insertion is required to avoid bending the contacts.
    ✨ Follow-up Questions
    • ⤷ What is the exact pitch spacing for the WJPAD2 series?
    • ⤷ Is there a compatible mating part number for this connector?
    • ⤷ What are the specific soldering temperature profiles recommended for the 'R' suffix version?