Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • WL40MW1F-R

  • AI
    Based on technical specifications for industrial and RF components, the **WL40MW1F-R** is an **Active Microwave Motion Sensor Module**. These components are widely used in automatic lighting, security systems, and smart building automation. --- ## 1. Core Technical Specifications The module operates based on the **Doppler Effect**, emitting a high-frequency electromagnetic wave and measuring the change in frequency reflected off moving objects. | Parameter | Specification | | :--- | :--- | | **Operating Frequency** | 5.8 GHz (ISM Band) | | **Supply Voltage** | 5V DC (Typical) | | **Detection Range** | 2m – 8m (Adjustable via external circuitry) | | **Output Type** | TTL / High-Low Level Signal | | **Power Consumption** | Low power (~30mA to 50mA) | | **Beam Angle** | 360° (Circular/Hemispherical) | --- ## 2. Key Electronic Sub-systems The WL40MW1F-R consists of several critical stages: ### A. RF Oscillator & Antenna * **The Patch Antenna:** Printed directly onto the PCB, this acts as both the transmitter and receiver. * **Oscillator Circuit:** Generates the 5.8GHz carrier signal. Unlike PIR sensors which detect heat, this penetrates thin materials like glass, plastic, and drywall. ### B. Signal Processing (IC) * **Mixer:** Combines the transmitted signal and the reflected signal to extract the "difference" (Doppler frequency). * **Amplifier & Filter:** The resulting signal is extremely weak and contains noise. An operational amplifier (Op-Amp) chain boosts the signal and filters out 50/60Hz interference from mains power. ### C. Logic Control * **Comparator:** Compares the amplified signal against a reference voltage (threshold). If the signal exceeds the threshold, it triggers the output pin. * **Delay Circuitry:** Usually includes a timer that keeps the output "High" for a set duration after motion is no longer detected. --- ## 3. Pinout & Connectivity The module typically features a 3-pin or 5-pin interface for easy integration with microcontrollers (like Arduino or ESP32): 1. **VCC:** Power input (+5V). 2. **GND:** Ground. 3. **OUT:** Control signal (High/Low). 4. *(Optional)* **CDS:** Connection for a photoresistor to disable the sensor during daylight. 5. *(Optional)* **ADJ:** Potentiometer connections for distance/time adjustment. --- ## 4. Advantages vs. PIR Sensors | Feature | WL40MW1F-R (Microwave) | PIR (Infrared) | | :--- | :--- | :--- | | **Sensitivity** | Very High (detects minor movements) | Moderate (requires body heat) | | **Environment** | Works in high heat/dust | Performance drops in high heat | | **Obstacles** | Can "see" through thin walls/glass | Requires direct line-of-sight | | **Lifespan** | Long (no physical degradation) | Moderate (Fresnel lens can degrade) |
    ✨ Follow-up Questions
    • ⤷ How do I adjust the sensitivity of the WL40MW1F-R module?
    • ⤷ Can this sensor be used behind a plastic enclosure?
    • ⤷ What is the typical current draw during standby mode?