Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • WL40MW1F-R/S

  • AI
    The **WL40MW1F-R/S** refers to a specific series of high-frequency Microwave Motion Sensor modules, typically based on the **Doppler Effect**. These components are widely used in automated lighting, security systems, and smart home devices. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Technical Specifications The module operates by emitting high-frequency electromagnetic waves (usually in the C-Band or X-Band) and measuring the change in frequency reflected from moving objects. | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Operating Voltage** | 4.5V – 12V DC | Volts | | **Operating Frequency** | 5.8 GHz | GHz | | **Detection Range** | 2 – 12 (Adjustable) | Meters | | **Output Signal** | 3.3V TTL High/Low | Digital | | **Power Consumption** | ~30 - 50 | mA | | **Transmitting Power** | < 0.5 | mW | --- ### 2. Key Electronic Components The "R/S" suffix usually denotes variations in **Rectifier** or **Sensor** sensitivity configurations. The internal circuitry generally consists of: * **Oscillator (DRO):** A Dielectric Resonator Oscillator that generates the stable 5.8GHz microwave signal. * **Mixer:** Combines the transmitted signal and the received (reflected) signal to extract the "Intermediate Frequency" (IF) or Doppler shift. * **Operational Amplifiers (Op-Amps):** Usually a dual or quad op-amp (like the LM324 or similar) used to amplify the tiny micro-volt signals from the mixer into a usable square wave. * **Control IC:** A dedicated timing IC or microcontroller that handles the "Hold Time" (how long the light stays on) and the "Lux" (daylight) sensing logic. --- ### 3. Pinout and Interface Most variations of this module utilize a 3-pin or 5-pin interface for easy integration. | Pin Name | Function | Description | | :--- | :--- | :--- | | **VCC** | Power Input | Connect to positive DC supply (e.g., 5V). | | **GND** | Ground | Common negative return. | | **OUT** | Control Signal | High (3.3V) when motion is detected; Low (0V) when idle. | | **CDS (Optional)** | Photosensitive | Pin for an external LDR to disable the sensor during daylight. | --- ### 4. Comparison: Microwave vs. PIR The WL40MW1F series offers several electronic advantages over standard Passive Infrared (PIR) sensors: * **Penetration:** Microwave signals can pass through thin walls, glass, and plastic enclosures, allowing the electronic parts to be hidden inside a fixture. * **Stability:** Less affected by ambient temperature changes compared to PIR sensors. * **Sensitivity:** Capable of detecting very minute movements (like breathing) at close range. --- ### 5. Application Circuit Example ```c // Example Logic for Arduino/MCU Integration int sensorPin = 2; // Connected to 'OUT' on WL40MW1F int ledPin = 13; void setup() { pinMode(sensorPin, INPUT); pinMode(ledPin, OUTPUT); } void loop() { int motion = digitalRead(sensorPin); if (motion == HIGH) { digitalWrite(ledPin, HIGH); // Motion detected } else { digitalWrite(ledPin, LOW); // No motion } } ```
    ✨ Follow-up Questions
    • ⤷What is the maximum detection angle for the 5.8GHz WL40 series?
    • ⤷ How do I adjust the sensitivity and delay time on this specific module?
    • ⤷ Can the WL40MW1F operate behind metal enclosures?