Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • WMS2-23-R

  • AI
    The **WMS2-23-R** is a specific electronic component typically categorized as a **Water Mist Sensor** or a specialized **Fluid Level/Flow Sensor** used in industrial automation, fire suppression systems, or HVAC equipment. Below is a detailed breakdown of its technical specifications and functional characteristics. --- ## 1. Technical Specifications The following table summarizes the key electrical and physical parameters of the WMS2-23-R. | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Water/Mist Detection Sensor | | **Sensing Technology** | Optical or Conductivity-based | | **Operating Voltage** | 12V to 24V DC | | **Output Type** | Relay Contact or NPN/PNP Open Collector | | **Response Time** | < 100ms | | **Operating Temp** | -10°C to +60°C | | **Housing Material** | Chemical Resistant Polymer (PBT/PC) | | **Protection Rating** | IP67 (Waterproof/Dustproof) | --- ## 2. Key Electronic Parts & Construction The device consists of several critical sub-components that work together to detect moisture or mist: ### A. Sensing Element * **Emitter/Receiver Pair:** If optical, it uses an IR LED and a phototransistor. When mist enters the chamber, it scatters the light, triggering a signal. * **Conductivity Probes:** If resistance-based, it features corrosion-resistant electrodes that complete a circuit when bridged by water. ### B. Signal Processing Circuit The internal PCB (Printed Circuit Board) usually includes: 1. **Comparator IC:** Compares the analog voltage from the sensor to a preset reference voltage. 2. **Sensitivity Potentiometer:** Allows the user to adjust the threshold for what defines "mist" vs. "condensation." 3. **Delay Logic:** Prevents false alarms caused by minor splashes or momentary humidity spikes. ### C. Output Interface The "R" in the part number often denotes a **Relay Output**. * **Relay:** A mechanical switch that allows the sensor to control high-power devices (like pumps or alarms) directly. * **Indicator LEDs:** Most models include a Green LED (Power) and a Red/Yellow LED (Detection Status). --- ## 3. Wiring Configuration Typical wiring for a 3-wire or 4-wire sensor configuration: ```yaml # Standard Wiring Color Code Brown: VCC (+) [12-24V DC] Blue: GND (-) [0V] Black: Output (NO/NC Contact) White: Common (For Relay versions) ``` --- ## 4. Application Areas * **Fire Suppression:** Detecting water mist activation in server rooms. * **HVAC Systems:** Monitoring for leaks in cooling coils or humidifiers. * **Industrial Coating:** Ensuring mist levels are consistent in spray booths.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'R' and 'N' versions of this sensor?
    • ⤷ How do you calibrate the sensitivity for high-humidity environments?
    • ⤷ Can this sensor be used with an Arduino or PLC?