Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • WMS2-FC-R/K

  • AI
    The **WMS2-FC-R/K** is a specific electronic component often used in industrial control systems, specifically within the **Water Management System (WMS)** series or specialized sensor/actuator interfaces. Below is a technical breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The WMS2-FC-R/K is typically categorized as a **terminal or connector interface module** designed for rail mounting in control cabinets. | Feature | Specification | | :--- | :--- | | **Model Series** | WMS (Water Management / Wiring Management System) | | **Mounting Type** | DIN Rail (Standard 35mm) | | **Connection Type** | Spring-cage or Screw terminals (FC - Fast Connect) | | **Configuration** | R/K (Relay or Kelm-style interface) | | **Voltage Rating** | 24V DC (Standard) | --- ### 2. Key Electronic Components This part acts as an intermediary between a Programmable Logic Controller (PLC) and field devices. Its internal circuitry usually includes: * **LED Status Indicators:** Visual diagnostic tools (usually green for power, yellow/red for signal state) to show the status of the I/O points. * **Protection Circuitry:** Includes **Flyback Diodes** or **Varistors** to protect against inductive kicks from motors or solenoids. * **Isolation Layer:** Optical or galvanic isolation to prevent electrical noise from the field from damaging the central CPU. * **Terminal Blocks:** High-density connection points designed for high vibration resistance. --- ### 3. Functional Description: "FC-R/K" Designation The suffix in the part number provides specific clues about its electronic behavior: 1. **FC (Fast Connect):** Refers to the wiring method. It utilizes insulation displacement or rapid-clamping technology, reducing installation time compared to traditional screw terminals. 2. **R (Relay/Resistance):** Often indicates that the module contains an onboard relay for switching higher currents or a specific resistance value for signal conditioning. 3. **K (Kelm/Coupler):** Often signifies a "Coupling" function, meaning it bridges two different voltage levels or signal types. --- ### 4. Application Use Cases * **Industrial Automation:** Distributing power and signals from a PLC to various sensors. * **Water Treatment Systems:** Managing signals for flow meters, valves, and pressure sensors where environmental sealing and reliable connections are critical. * **Cabinet Optimization:** Used to reduce wiring clutter by concentrating field wires into a single ribbon or multi-pole cable. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific voltage and current ratings for the relay version of this module?
    • ⤷ Is the WMS2-FC-R/K compatible with standard Siemens or Rockwell PLC racks?
    • ⤷ Does this model support digital or analog signal processing?