Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • WMS2-ZB-R/Q

  • AI
    The **WMS2-ZB-R/Q** refers to a specific model of a Zigbee-enabled smart switch module, typically integrated into smart home ecosystems (like Tuya or Moes). This device is designed to convert traditional light switches into smart switches while maintaining manual control. Below is a breakdown of its electronic components and technical specifications. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Wireless Protocol** | Zigbee 3.0 | | **Input Voltage** | 90V - 250V AC (50/60Hz) | | **Max Load** | 10A / 2500W (Resistive) | | **Relay Type** | Latching or Standard Electromagnetic Relay | | **Operating Temp** | -10°C to +45°C | | **Dimensions** | Approx. 52x47x18 mm | --- ### 2. Core Electronic Components The device architecture is divided into three main sections: the power supply, the microcontroller/wireless module, and the switching circuit. #### A. Zigbee Communication Module * **MCU/SoC:** Usually powered by a **Tuya ZS3L** or similar low-power Zigbee SoC (System on Chip). * **Function:** Handles the encryption, mesh networking, and communication with the Zigbee Gateway. * **Antenna:** Typically an on-board PCB trace antenna or a small IPEX wire antenna for 2.4GHz signal transmission. #### B. Power Conversion (AC to DC) * **Buck Converter / Step-down Transformer:** Since the module runs on 3.3V or 5V DC but is powered by 220V AC, it contains a small switching power supply (SMPS). * **Rectifier Bridge:** Converts AC input to high-voltage DC. * **Filtering Capacitors:** Used to smooth the voltage and prevent electrical noise from interfering with the Zigbee signal. #### C. Switching Mechanism (Relay) * **The Relay:** A mechanical component that physically opens or closes the electrical circuit. The "R" in the model name often denotes a **Relay** output. * **Optocoupler/Driver:** Protects the low-voltage MCU from high-voltage surges during the relay switching process. --- ### 3. Wiring Configuration The "Q" in the model name often refers to a specific wiring variant (sometimes implying a "Quiet" or specific terminal layout). Most WMS2 modules use the following terminal logic: 1. **L (Live):** AC Power input. 2. **N (Neutral):** Neutral line (required for most Zigbee versions to ensure constant power to the chip). 3. **L1 / Out:** The output terminal going to the light/load. 4. **S1 / S2:** Terminals for the external manual wall switch (rocker or push-button). --- ### 4. Safety and Protection * **Varistor (MOV):** Protects the internal electronics from voltage spikes/surges. * **Fuse:** A small internal thermal or glass fuse to prevent fire in case of a short circuit. * **PC Flame Retardant Shell:** The outer casing is made of V0-grade plastic to withstand high heat. ---
    ✨ Follow-up Questions
    • ⤷ Does this module require a Neutral wire for installation?
    • ⤷ What is the difference between the Zigbee and WiFi versions of this module?
    • ⤷ Can this module be used to control high-power appliances like air conditioners?