Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • WPT-511-R

  • AI
    The **WPT-511-R** is a specific electronic component typically categorized as a **Water Pressure Transmitter/Sensor** (often used in HVAC, industrial automation, or water management systems). Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### ## 1. Technical Specifications The WPT-511-R is designed to convert physical water pressure into a standardized electrical signal. | Feature | Description | | :--- | :--- | | **Output Signal** | 4-20mA (Current Loop) or 0-10V DC (Model dependent) | | **Power Supply** | 12V to 30V DC | | **Pressure Range** | Typically 0-10 Bar (or 0-16 Bar depending on sub-variant) | | **Connection Type** | Usually G1/4" or R1/4" Thread | | **Accuracy** | ±0.5% to ±1.0% Full Scale | | **Housing Material** | Stainless Steel (AISI 304 or 316L) | --- ### ## 2. Core Electronic Components The device functions through a series of integrated electronic stages: 1. **Sensing Element (Piezo-resistive):** The heart of the device is a silicon or ceramic diaphragm with integrated strain gauges. When pressure is applied, the electrical resistance of these gauges changes (the Piezoresistive effect). 2. **Signal Conditioning Circuit:** The raw millivolt signal from the sensor is extremely weak. An internal **ASIC (Application-Specific Integrated Circuit)** amplifies this signal and filters out high-frequency noise. 3. **Temperature Compensation:** Because silicon is sensitive to temperature fluctuations, the internal electronics include thermistors to adjust the output, ensuring the pressure reading remains accurate across different water temperatures. 4. **Voltage Regulator / Current Driver:** For the "R" (Receiver/Transmitter) variant, the electronics include a current driver that maintains a steady **4-20mA loop**, allowing the signal to travel over long distances without voltage drop interference. --- ### ## 3. Wiring Diagram (Standard 4-20mA Loop) Most WPT-511-R units use a standard 2-wire or 3-wire configuration. ```markdown [ Power Source + ] ----> [ Red/Pin 1: VCC ] [ Controller AI ] <---- [ Black/Pin 2: Signal Out ] [ Power Source - ] ----> [ Common Ground ] ``` --- ### ## 4. Application Environments The electronic design is hardened for specific industrial conditions: * **IP65/IP67 Rating:** The electronics are potted or sealed to prevent moisture ingress. * **EMI/RFI Protection:** Internal shielding prevents interference from nearby motors or heavy machinery. * **Reverse Polarity Protection:** Prevents the internal circuit from burning out if the power wires are connected backwards. ---
    ✨ Follow-up Questions
    • ⤷What is the pinout configuration for the M12 connector on the WPT-511-R?
    • ⤷ Can this sensor be used with salt water or corrosive fluids?
    • ⤷ How do I calibrate the zero-point on a WPT series transmitter?