Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • WRPP-JNN-R2

  • AI
    The **WRPP-JNN-R2** is a specialized electronic component typically used in industrial automation, specifically within the realm of temperature sensing and signal processing. Based on standard industrial nomenclature, this part is an **S-type Thermocouple Assembly** designed for high-temperature environments. --- ### 1. Technical Specifications Table | Feature | Description | | :--- | :--- | | **Type** | S-Type Thermocouple (Platinum Rhodium 10-Platinum) | | **Material** | Precious Metal (PtRh10-Pt) | | **Temperature Range** | 0°C to 1300°C (Long term), up to 1600°C (Short term) | | **Protection Tube** | Corundum (Alumina Ceramic) | | **Output Signal** | Millivolt (mV) DC | | **Interface/Connector** | R2 (Standard Terminal Box/Fixed Thread) | --- ### 2. Core Electronic Components The WRPP-JNN-R2 is not a single "chip," but rather an electro-mechanical assembly consisting of several critical electronic parts: #### A. The Thermoelements (The Sensors) The heart of the device consists of two dissimilar metal wires: * **Positive Pole:** Platinum Rhodium 10 (90% Pt, 10% Rh). * **Negative Pole:** Pure Platinum. * **Function:** It operates on the **Seebeck Effect**, generating a specific voltage (EMF) proportional to the temperature difference between the hot junction and the cold junction. #### B. The Terminal Box (Junction) Located at the head of the assembly, this contains the wiring terminals. * **Insulation:** High-grade ceramic blocks to prevent short circuits between the fine wires. * **Connection:** Usually features screw terminals for connecting compensation wires that lead to a PLC or PID controller. #### C. Internal Insulation Because the wires are precious metals and operate at extreme heat, they are threaded through **high-purity alumina ceramic beads**. These prevent the wires from touching and short-circuiting inside the protective tube. --- ### 3. Application Workflow 1. **Heat Detection:** The probe end is inserted into a furnace or kiln. 2. **Voltage Generation:** The temperature difference creates a low-voltage DC signal (measured in microvolts per degree). 3. **Transmission:** The signal travels through the ceramic-insulated wires to the terminal head. 4. **Signal Conversion:** Usually, an external **Temperature Transmitter** (not included in the basic probe) converts this raw mV signal into a 4-20mA current loop for industrial computers. --- ### 4. Key Advantages * **High Precision:** Being a "Noble Metal" thermocouple, it offers much higher accuracy than Type K or J. * **Oxidation Resistance:** Excellent stability in oxidizing atmospheres. * **Durability:** The Corundum tube protects the electronic elements from chemical erosion and physical damage at temperatures exceeding 1000°C.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate a WRPP-JNN-R2 thermocouple?
    • ⤷ What is the difference between an S-type and a K-type thermocouple in industrial use?
    • ⤷ Does this model require a specific type of compensation wire?