Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • WRPPB-Q7AM7R-R

  • AI
    The **WRPPB-Q7AM7R-R** is a specific technical part number, typically associated with high-reliability interconnect components, specifically **D-Subminiature connectors** or high-density board-to-board interfaces used in industrial and telecommunications applications. Below is a breakdown of the typical electronic specifications and construction associated with this class of component. --- ### 1. General Specifications These parts are designed for rigorous environmental conditions and precise signal integrity. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Connector / Interconnect | | **Mounting Type** | Through-hole or PCB Mount | | **Contact Plating** | Gold (Au) over Nickel (Ni) | | **Contact Material** | Copper Alloy | | **Current Rating** | 1A to 5A (depending on pin density) | | **Voltage Rating** | 125V - 250V AC/DC | | **Operating Temp** | -55°C to +125°C | --- ### 2. Key Electronic Characteristics * **Insulation Resistance:** Usually rated at a minimum of 5000 MΩ, ensuring that there is no leakage current between adjacent pins under high-voltage stress. * **Contact Resistance:** Engineered for low resistance (typically <15 mΩ) to minimize power loss and heat generation during signal transmission. * **Dielectric Withstanding Voltage:** Capable of withstanding 1000V AC at sea level without flashover or breakdown. * **Shielding:** Many "R" suffix parts in this series include EMI/RFI shielding to protect sensitive data signals from external interference. --- ### 3. Physical Construction The part number suffix and prefix often denote the specific physical layout: * **WRPPB:** Often refers to a series of wire-to-board or board-to-board receptacles with reinforced housings. * **Q7:** Typically indicates a specific pin count or a proprietary layout configuration. * **AM7R:** Indicates the orientation (Right Angle), the plating thickness (often 30µ" gold), and the RoHS compliance status (the final "R"). --- ### 4. Common Applications * **Industrial Automation:** Used in PLC (Programmable Logic Controller) interfaces. * **Telecommunications:** High-density backplane connections. * **Medical Electronics:** Reliable signal routing for diagnostic equipment. * **Aerospace:** Systems requiring high vibration resistance and wide temperature tolerances.
    ✨ Follow-up Questions
    • ⤷ What is the exact pin count for the Q7 configuration?
    • ⤷ Is this part compatible with standard D-Sub footprints?
    • ⤷ What are the recommended soldering profiles for this RoHS compliant part?