Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • WSBS-152D-R

  • AI
    The **WSBS-152D-R** is a high-precision, low-resistance shunt resistor manufactured by Vishay Dale. It is specifically designed for high-current applications, such as battery management systems (BMS) in automotive and industrial environments. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical and mechanical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Resistance Value** | 100 µΩ (0.0001 Ω) | | **Power Rating** | Up to 36 W | | **Tolerance** | ±5% (Standard) | | **Temperature Coefficient (TCR)** | < ±200 ppm/°C | | **Inductance** | < 5 nH | | **Operating Temperature** | -65 °C to +170 °C | --- ### 2. Physical Construction and Materials The WSBS-152D-R utilizes a specialized construction to ensure stability under heavy electrical loads: * **Resistance Element:** Made from a solid metal Manganese-Copper alloy (Manganin). This material is chosen for its low TCR and low thermal EMF, which prevents measurement errors caused by temperature fluctuations. * **Terminals:** Features large, bolt-down terminals designed for heavy-duty busbar mounting. This ensures a secure mechanical connection and low contact resistance. * **All-Welded Construction:** The element is welded to the terminals to maximize durability and reliability in high-vibration environments. --- ### 3. Electronic Functionality This part functions as a **Current Shunt**. In an electronic circuit, it works based on Ohm's Law ($V = I \times R$): 1. **Current Sensing:** As high current passes through the 100 µΩ element, a very small voltage drop occurs across the resistor. 2. **Precision Measurement:** Because the resistance is known and extremely stable, a BMS controller can measure the voltage drop to calculate the exact current flowing in or out of a battery pack. 3. **Low Heat Dissipation:** The ultra-low resistance minimizes "I²R" power losses, ensuring the component does not overheat even when hundreds of Amperes pass through it. --- ### 4. Common Applications * **Automotive:** Battery monitoring for Electric Vehicles (EV) and Hybrid Electric Vehicles (HEV). * **Energy Storage:** Large-scale solar or wind battery banks. * **Industrial:** Heavy-duty motor controls and power distribution units.
    ✨ Follow-up Questions
    • ⤷ How does the TCR (Temperature Coefficient) affect the accuracy of current sensing in this shunt?
    • ⤷ What are the recommended mounting techniques to ensure low contact resistance?
    • ⤷ How does this shunt compare to Hall Effect sensors for high-current measurement?