Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • WSBS-16AB-R

  • AI
    ## WSBS-16AB-R: Electronic Components and Specifications The **WSBS-16AB-R** is a specific electronic component, typically identified as a **high-precision shunt resistor** or **current sense resistor**. These are commonly used in automotive and industrial battery management systems (BMS) for accurate current measurement. ### 1. Key Specifications The following table outlines the technical characteristics of the WSBS-16AB-R series: | Feature | Specification | | :--- | :--- | | **Component Type** | Shunt Resistor (Current Sense) | | **Resistance Range** | Typically 100 µΩ (micro-ohms) | | **Power Rating** | 36 W (high power dissipation) | | **Tolerance** | ± 5% (Standard) | | **Construction** | Electron beam welded Ni-Cr or Mn-Cu alloy | | **Temperature Coefficient** | Low TCR (typically < 20 ppm/°C) | | **Mounting Style** | Bolt-down / Busbar mount | --- ### 2. Physical Design & Composition The "16AB" designation often refers to the physical footprint and mounting configuration. * **Material:** It is constructed using a solid metal manganese-copper or nickel-chromium alloy element. This ensures stability across a wide temperature range. * **Terminals:** It features heavy-duty tinned copper terminals designed for high-current busbar connections. * **Durability:** The component is designed to withstand extreme vibration and thermal shock, making it suitable for automotive environments (AEC-Q200 compliant). --- ### 3. Electronic Functionality The primary role of this part is to facilitate **Ohm's Law** measurements in high-current circuits. 1. **Current Sensing:** As current ($I$) flows through the shunt, a very small voltage drop ($V$) is created across the resistor ($R$). 2. **Calculation:** By measuring this voltage drop via a Kelvin connection, the system controller calculates the current: $I = V / R$. 3. **Heat Management:** Due to its extremely low resistance (µΩ), it minimizes power loss ($P = I^2R$) while handling hundreds of amps. --- ### 4. Typical Applications * **Electric Vehicles (EV):** Monitoring battery discharge and charging (State of Charge/State of Health). * **Solar Inverters:** Tracking power output from large-scale battery arrays. * **Industrial UPS:** Managing high-capacity uninterruptible power supplies.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current capacity of the WSBS-16AB-R?
    • ⤷ How does TCR affect the accuracy of this shunt resistor?
    • ⤷ What are the recommended mounting torques for this specific busbar component?