Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • WSBS-3CA-R

  • AI
    The **WSBS-3CA-R** is a specialized electronic component primarily used as a **Current Sense Shunt Resistor**. It is part of the WSBS (Welded Strip Battery Sensor) series produced by Vishay Dale, designed for high-current applications. --- ## 1. Technical Specifications The following table highlights the core electronic characteristics of the WSBS-3CA-R: | Feature | Specification | | :--- | :--- | | **Resistance Value** | Typical range (e.g., $100\ \mu\Omega$ to $500\ \mu\Omega$) | | **Power Rating** | Up to 36 W (design dependent) | | **Tolerance** | $\pm 5\%$ or $\pm 10\%$ | | **Temperature Coefficient (TCR)** | Very Low ($< \pm 200\ \text{ppm}/^\circ\text{C}$) | | **Operating Temperature** | $-65^\circ\text{C}$ to $+170^\circ\text{C}$ | | **Construction** | Metal Strip (Solid Manganese-Copper Alloy) | --- ## 2. Key Physical Components The part is engineered for durability and precision in harsh environments: ### A. Resistive Element The heart of the component is a solid **Manganese-Copper (Manganin) alloy**. This material is chosen because its electrical resistance remains extremely stable even as the temperature of the part increases due to high current flow. ### B. Welded Construction Unlike standard resistors, the WSBS-3CA-R uses an **Electron Beam Welded** process. This joins the resistive element to the copper terminals, ensuring: * Minimal thermal EMF (electromotive force). * Maximum structural integrity against vibrations. ### C. Mounting Style This part is specifically designed for **Battery Cable/Terminal** mounting. It typically features a "bus-bar" style shape with circular holes, allowing it to be bolted directly onto automotive or industrial battery leads. --- ## 3. How it Works (Theory of Operation) The WSBS-3CA-R operates on **Ohm's Law**: $V = I \times R$. 1. **Current Flow ($I$):** High current from a battery passes through the resistor. 2. **Voltage Drop ($V$):** Because the resistance ($R$) is known and extremely low, a tiny, measurable voltage drops across the terminals. 3. **Measurement:** An external Battery Management System (BMS) measures this voltage and calculates the exact current flowing in or out of the battery. --- ## 4. Common Applications * **Automotive:** Intelligent Battery Sensors (IBS) for lead-acid or lithium-ion batteries. * **Industrial:** Large-scale Uninterruptible Power Supplies (UPS). * **Renewable Energy:** Monitoring current in solar array battery banks. * **EV/HEV:** Main battery current monitoring for State of Charge (SoC) calculations.
    ✨ Follow-up Questions
    • ⤷What is the typical resistance value for the WSBS-3CA-R in micro-ohms?
    • ⤷ How does the electron beam welding improve the sensor's performance?
    • ⤷ What are the mounting requirements for this specific shunt resistor?