Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • WSBS-4BC-R

  • AI
    ## WSBS-4BC-R Electronic Overview The **WSBS-4BC-R** is a specific model within the WSBS series of Power Metal Strip® battery shunt resistors manufactured by **Vishay Dale**. These components are primarily designed for high-precision current sensing in automotive and industrial battery management systems (BMS). --- ### 1. Key Technical Specifications The component is engineered to handle high current loads while maintaining extremely low resistance to minimize power loss. | Feature | Specification | | :--- | :--- | | **Resistance Value** | Typical range: 50 $\mu\Omega$ to 1000 $\mu\Omega$ (0.00005 to 0.001 $\Omega$) | | **Power Rating** | Up to 36 Watts (depending on mounting/cooling) | | **Tolerance** | $\pm 5\%$ (standard) | | **Material** | Solid metal Manganese-Copper alloy resistive element | | **Construction** | Electron beam welded (EBW) for stability | | **Temperature Coefficient** | Very low (typically < 20 ppm/°C) | --- ### 2. Physical Design & Terminals The "4BC" designation typically refers to the physical configuration of the terminals. * **Four-Terminal (Kelvin) Connection:** This is the most critical electronic feature. Two terminals carry the high-load current, while two separate terminals are used for voltage sensing. This eliminates the resistance of the leads from the measurement, ensuring high accuracy. * **Bolt-Down Construction:** The "B" in the suffix usually denotes a bolt-on design, allowing it to be integrated directly into a busbar or battery terminal assembly. * **AEC-Q200 Qualified:** These parts are stress-tested for automotive environments, meaning they withstand high vibration and extreme temperatures. --- ### 3. Functional Applications The electronic role of the WSBS-4BC-R is to act as a **transducer**, converting high current flow into a proportional, measurable millivolt signal. 1. **State of Charge (SoC) Monitoring:** By measuring current over time (Coulomb counting), the BMS calculates how much energy remains in a battery. 2. **State of Health (SoH):** Monitoring current spikes and discharge patterns to determine battery degradation. 3. **Overcurrent Protection:** Detecting short circuits or surges to trigger safety disconnects. --- ### 4. Implementation Example In a typical circuit, the shunt is placed in series with the negative terminal of the battery. ```c // Conceptual Logic for reading the WSBS-4BC-R float shunt_resistance = 0.0001; // 100 micro-ohms float voltage_drop = read_adc_mv(); // Measured across Kelvin terminals // Ohm's Law: I = V / R float current_amps = voltage_drop / shunt_resistance; ```
    ✨ Follow-up Questions
    • ⤷ What are the advantages of using a Kelvin connection in this shunt?
    • ⤷ How does temperature affect the accuracy of the WSBS-4BC-R?
    • ⤷ What are the common mounting requirements for a 36W power rating?