Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • WSP-1DA-R/E

  • AI
    The **WSP-1DA-R/E** is a specific electronic component typically identified as a **high-precision current sensing resistor** or a specialized **thermal sensor/resistor** (often associated with brands like Viking Tech or similar manufacturers in the automotive/industrial sector). Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. Component Overview The WSP series generally refers to **Wire-bondable / Solderable Precision** components. These are designed for high-stability environments where power management and thermal regulation are critical. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Precision Resistor / Shunt | | **Mounting Type** | Surface Mount (SMD) | | **Material** | Metal Alloy / Ceramic Substrate | | **Application** | Current sensing, Battery management, Power modules | --- ### 2. Technical Specifications The suffix **-R/E** often denotes the tolerance and packaging/environmental compliance (RoHS/Lead-Free). #### Key Electrical Parameters: * **Resistance Range:** Usually very low (milli-ohms) to ensure minimal voltage drop. * **Tolerance:** Typically ±0.5% or ±1% (denoted by the "D" or "A" in the part number). * **Power Rating:** Designed to handle high current density without significant self-heating. * **Temperature Coefficient (TCR):** Low TCR (e.g., ±50ppm/°C) to ensure accuracy across temperature fluctuations. --- ### 3. Pinout and Physical Attributes These parts often come in standard SMD footprints (like 0805, 1206, or 2512) but are optimized for heat dissipation. * **Terminations:** Tin-plated (RoHS) or Gold-plated (for wire bonding). * **Heat Dissipation:** Utilizes a metal plate construction to move heat away from the sensitive resistive element. --- ### 4. Typical Applications The WSP-1DA series is commonly found in the following electronic circuits: 1. **BMS (Battery Management Systems):** Monitoring the charge/discharge current of Lithium-ion cells. 2. **DC-DC Converters:** Providing feedback for current-mode control loops. 3. **Automotive Electronics:** Used in ECU modules due to high reliability and vibration resistance. 4. **Inverters:** High-power motor control sensing. --- ### 5. Identification Code Breakdown While manufacturer-specific, the code usually follows this logic: * **WSP:** Series Name (Metal Plate/Precision). * **1:** Size or Power Rating (e.g., 1 Watt). * **D/A:** Tolerance indicators (D = ±0.5%, A = ±0.05% or specific temp class). * **R/E:** Packaging type (Tape & Reel) and Environmental compliance (Lead-Free).
    ✨ Follow-up Questions
    • ⤷ What is the specific resistance value for the 1DA-R/E variant?
    • ⤷ Which manufacturer produces the WSP-1DA-R/E series?
    • ⤷ What are the recommended soldering profiles for this SMD component?