Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • WSP-2BB-R

  • AI
    The **WSP-2BB-R** is a high-performance, water-resistant thermal printer mechanism developed by **Woosim Systems**. It is designed specifically for mobile and portable printing applications where durability and compact form factors are required. --- ### 1. Key Technical Specifications The following table highlights the core electronic and mechanical parameters of the WSP-2BB-R: | Parameter | Specification | | :--- | :--- | | **Printing Method** | Direct Thermal Line Printing | | **Resolution** | 203 DPI (8 dots/mm) | | **Print Width** | 2 inches (48mm) | | **Max Printing Speed** | 80 mm/sec | | **Interface Options** | UART (RS-232C), USB, or Bluetooth | | **Input Voltage** | 7.4V DC (Li-ion Battery compatible) | | **Reliability (TPH)** | 50 km of paper travel | --- ### 2. Core Electronic Components The device's internal architecture consists of several critical electronic modules: #### A. Thermal Print Head (TPH) The heart of the device. It contains a linear array of heating elements. When energized, these elements transfer heat to the chemically treated thermal paper, creating text or images. #### B. Motor Driver Circuit * **Stepper Motor:** Uses a precise stepper motor to control paper advancement. * **Driver IC:** Manages the pulses sent to the motor to ensure consistent line spacing and to prevent paper jams. #### C. Control Board (MCU) The main PCB processes incoming data (ESC/POS commands), manages the font library, and handles the communication protocol (UART/USB). It also monitors the thermal sensors to prevent the TPH from overheating. #### D. Sensors The unit includes several opto-electronic sensors: * **Paper-Out Sensor:** Detects when the paper roll is empty. * **Cover-Open Sensor:** Ensures the printer does not operate while the latch is open. * **Temperature Sensor (Thermistor):** Protects the print head from thermal damage during heavy duty cycles. --- ### 3. Implementation Example (UART Communication) If you are interfacing this part with a microcontroller (like an Arduino or ESP32), the basic wiring and command structure usually follows this logic: ```cpp // Example: Sending a simple string to the WSP-2BB-R via UART void setup() { Serial1.begin(9600); // Default baud rate for many Woosim modules delay(1000); // Basic ESC/POS command to initialize printer Serial1.write(0x1B); Serial1.write(0x40); // Print Text Serial1.println("WSP-2BB-R Electronic Test"); Serial1.write(0x0A); // Line feed } ``` --- ### 4. Environmental Resistance The "W" in the series often denotes water resistance. The electronics are typically treated with a protective coating, and the mechanical housing uses gaskets to achieve an **IP54** rating (dust and splash protection), making it suitable for outdoor use or rugged environments. ---
    ✨ Follow-up Questions
    • ⤷What are the specific power requirements for the WSP-2BB-R battery?
    • ⤷ Does the WSP-2BB-R support graphics and QR code printing?
    • ⤷ How do I troubleshoot a 'Red LED' error on this printer model?