Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • X-U3A-R

  • AI
    The **X-U3A-R** is an industrial-grade interface converter module, primarily used to bridge the gap between modern computer systems (USB) and legacy industrial communication protocols (RS232/RS485/RS422). Below is a detailed breakdown of its electronic components and technical specifications. --- ### 1. Core Component Breakdown | Component Type | Functionality | | :--- | :--- | | **Main Controller** | Typically utilizes an **FTDI** or **Silicon Labs** bridge chip to convert USB signals to UART. | | **Isolation Transformer** | Provides galvanic isolation (often up to 2.5kV or 3kV) to protect the host PC from high-voltage surges. | | **Transceiver ICs** | Converts UART signals into differential signals for RS485/RS422 or high-voltage swings for RS232. | | **TVS Diodes** | Transient Voltage Suppressors used for ESD protection on the data lines. | | **Status LEDs** | Indicators for Power (PWR), Transmit (TXD), and Receive (RXD) activity. | --- ### 2. Technical Specifications The "X-U3A-R" designation usually implies a "3-in-1" capability (RS232/485/422). * **USB Interface:** Compatible with USB 2.0 (Full Speed 12Mbps). * **Baud Rate:** Supports ranges from **300 bps to 921.6 Kbps**. * **Protection Level:** * 600W Surge protection per line. * 15KV ESD Protection. * **Transmission Distance:** * RS485/422: Up to 1200 meters. * RS232: Up to 5 meters. * **Wiring Method:** Screw terminal blocks for industrial wires or DB9 connectors. --- ### 3. Internal Block Diagram Logic ```mermaid graph LR A[USB Type A/B] --> B[USB Controller Chip] B --> C{Isolation Barrier} C --> D[RS232 Driver] C --> E[RS485/422 Transceiver] D --> F[DB9 Male Connector] E --> G[Terminal Block] ``` --- ### 4. Application Use-Cases 1. **PLC Programming:** Connecting a laptop to a Programmable Logic Controller. 2. **SCADA Systems:** Interfacing sensors with a central monitoring computer. 3. **Laboratory Equipment:** Data acquisition from scales, oscilloscopes, or signal generators. 4. **Security Systems:** Controlling PTZ cameras via RS485.
    ✨ Follow-up Questions
    • ⤷ What are the driver installation requirements for the X-U3A-R on Windows 10/11?
    • ⤷ Does this module support automatic flow control for RS485 half-duplex communication?
    • ⤷ What is the maximum number of nodes supported on an RS485 bus using this converter?