Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • X05160CV5-R

  • AI
    The **X05160CV5-R** is a specific electronic component, typically categorized as a high-frequency **common mode choke** or a **power inductor/filter** component, often used in automotive or high-reliability industrial applications. These parts are designed to suppress electromagnetic interference (EMI) and provide signal integrity in complex circuits. --- ### 1. Component Overview The "X05" series generally refers to specialized magnetic components. The suffix "R" typically indicates compliance with **RoHS** (Restriction of Hazardous Substances) standards. | Feature | Description | | :--- | :--- | | **Component Type** | Common Mode Choke / Filter Inductor | | **Application** | Power supplies, Automotive Electronics, Data lines | | **Mounting Type** | Surface Mount (SMD) | | **Compliance** | RoHS / REACH Compliant | --- ### 2. Key Technical Specifications While specific datasheet values can vary by manufacturer (often associated with brands like **Eaton/Coiltronics** or specialized magnetic vendors), the following are standard parameters for this class of part: * **Inductance:** Typically measured in Microhenries (µH). This part is designed to offer high impedance at specific frequency ranges to block noise. * **Current Rating (Irms):** Defines the maximum continuous DC current the part can handle without exceeding its temperature rise limit. * **DC Resistance (DCR):** The internal resistance of the copper windings; lower DCR is preferred to minimize power loss and heat generation. * **Operating Temperature:** Usually rated for extreme environments, ranging from **-40°C to +125°C** or higher. --- ### 3. Structural Composition The X05160CV5-R consists of several critical electronic sub-parts: 1. **Ferrite Core:** The heart of the component. It uses a high-permeability magnetic material to concentrate the magnetic field. 2. **Copper Windings:** Precision-wound insulated copper wire that creates the inductance. 3. **Terminations:** Solderable pads (usually tin-plated) designed for reflow soldering onto a PCB. 4. **Encapsulation/Case:** A protective molding (often epoxy or specialized plastic) that protects the internal wiring from vibration and moisture. --- ### 4. Common Applications This part is frequently found in the following electronic layouts: * **CAN Bus Filtering:** Suppressing noise in automotive communication networks. * **DC-DC Converters:** Acting as an output filter to smooth the current. * **USB/Ethernet Lines:** Protecting high-speed data from EMI/RFI interference.
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value for the X05160CV5-R?
    • ⤷ Is this component AEC-Q200 qualified for automotive use?
    • ⤷ What are the physical dimensions (footprint) of this part?