Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • XC62FP3002PR

  • AI
    The **XC62FP3002PR** is a high-precision, low power consumption CMOS voltage regulator. It belongs to the XC62FP series, which are typically used as positive voltage regulators that provide a fixed output voltage with low dropout. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the XC62FP3002PR: | Parameter | Specification | | :--- | :--- | | **Output Voltage ($V_{OUT}$)** | 3.0V (Fixed) | | **Input Voltage Range** | Max 10.0V | | **Maximum Output Current** | ~250mA (Depending on package/thermal) | | **Dropout Voltage** | Typ. 160mV @ 100mA | | **Quiescent Current** | Typ. 2.0μA | | **Operating Temperature** | -40°C to +85°C | | **Package Type** | SOT-89 (Commonly denoted by "PR" suffix) | --- ### 2. Detailed Part Number Breakdown Understanding the nomenclature helps in identifying specific features: * **XC62FP**: Series name (CMOS High Speed LDO). * **30**: Represents the output voltage ($3.0V$). * **0**: Accuracy/Type indicator (typically ±2.0% accuracy). * **2**: Output Voltage revision or internal constant. * **PR**: Package type (SOT-89). --- ### 3. Core Features * **Low Power Consumption:** With a quiescent current of only 2.0μA, it is ideal for battery-powered devices where standby time is critical. * **Low Dropout (LDO):** It can maintain a stable 3.0V output even when the input voltage is very close to the output voltage. * **CMOS Technology:** Provides high input impedance and efficient operation compared to older bipolar regulators. * **Internal Protection:** Usually includes short-circuit protection and thermal shutdown features. --- ### 4. Typical Application Circuit The XC62FP3002PR requires minimal external components to function. A standard implementation involves two capacitors: ```text Input (Vin) ----[ Cin ]----+----[ XC62FP3002PR ]----+----[ Cout ]---- Output (3.0V) | | | GND GND GND ``` * **Input Capacitor ($C_{IN}$):** Typically 1.0μF (Ceramic) to stabilize the input. * **Output Capacitor ($C_{OUT}$):** Typically 1.0μF to 10μF (Ceramic) to ensure loop stability and transient response. --- ### 5. Applications Due to its small footprint and low power draw, it is commonly found in: 1. **Mobile Phones:** Regulating power for logic circuits. 2. **Portable Audio:** MP3 players and wireless earbuds. 3. **Cameras:** Supplying power to sensors or microcontrollers. 4. **Reference Voltage Sources:** Providing a stable 3.0V for ADC/DAC components.
    ✨ Follow-up Questions
    • ⤷ What is the maximum input voltage safety margin for this regulator?
    • ⤷ How does the SOT-89 package compare to SOT-23 in terms of heat dissipation?
    • ⤷ Can I use an electrolytic capacitor instead of a ceramic one for the output?