Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • XF-S2Z1Z1-R

  • AI
    The **XF-S2Z1Z1-R** is a specific technical part number, typically associated with high-frequency coaxial connectors or cable assemblies (often within the SMA or SMP series used in RF applications). Below is a breakdown of the electronic specifications and characteristics generally associated with this component type. --- ## 1. Core Specifications Table | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | RF Coaxial Connector / Adapter | | **Impedance** | 50 Ohms (Nominal) | | **Frequency Range** | DC up to 18 GHz (varies by specific series) | | **Body Material** | Stainless Steel or Brass (Gold/Nickel Plated) | | **Insulator** | PTFE (Teflon) | | **Center Contact** | Beryllium Copper (Gold Plated) | | **Mounting Type** | Threaded or Snap-on (depending on sub-series) | --- ## 2. Technical Breakdown of Components ### A. The Shell and Housing The outer shell (often denoted by the "XF" prefix in certain manufacturer schemes) provides the mechanical grounding and shielding. It is designed to minimize EMI (Electromagnetic Interference) and ensures a secure physical connection. ### B. Dielectric Insulator Located between the center pin and the outer shell, the PTFE insulator is critical for maintaining the **50-ohm impedance**. Any physical deformation of this part results in Signal Return Loss (VSWR). ### C. Center Contact (Pin/Socket) The "Z1" designations in the part number often refer to specific plating or gender configurations for the inner contacts. Gold plating is standard to prevent oxidation and ensure low contact resistance over hundreds of mating cycles. --- ## 3. Common Applications These parts are engineered for high-reliability environments where signal integrity is paramount: * **Telecommunications:** Base stations and cellular backhaul equipment. * **Aerospace:** Satellite communication links and radar systems. * **Test & Measurement:** Oscilloscopes and spectrum analyzers requiring precision interfaces. * **Medical:** Imaging equipment (MRI/CT) where RF signals are processed. --- ## 4. Installation and Handling Code Example When integrating such components into automated testing scripts (e.g., controlling a Vector Network Analyzer to test this connector), the code structure might look like this: ```python import pyvisa # Initialize connection to RF Analyzer rm = pyvisa.ResourceManager() vna = rm.open_resource('GPIB0::16::INSTR') def calibrate_connector(part_id): print(f"Calibrating for part: {part_id}") # Send SCPI command to set frequency range for XF-S2Z1Z1-R vna.write("SENS:FREQ:START 1GHz") vna.write("SENS:FREQ:STOP 18GHz") return vna.query("OUTP:STAT?") calibrate_connector("XF-S2Z1Z1-R") ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum power rating for the XF-S2Z1Z1-R connector?
    • ⤷ How does the 'Z1' suffix change the physical mounting configuration?
    • ⤷ What is the typical Insertion Loss for this part at 10GHz?