Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • XF090604-R19M

  • AI
    The **XF090604-R19M** is a specialized electronic component, typically categorized as a **High-Current Power Inductor** or a **Common Mode Choke**, often used in automotive and industrial power supply applications. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Component Overview The part numbering follows a standard convention used by manufacturers like **XFMRS** or similar power component specialists. | Feature | Specification | | :--- | :--- | | **Component Type** | Fixed Inductor / Power Inductor | | **Inductance Value** | 0.19 µH (indicated by "R19") | | **Tolerance** | ±20% (standard for M suffix) | | **Current Rating** | High Current (typically > 30A depending on package) | | **Mounting Type** | Surface Mount (SMD) | --- ### 2. Key Electrical Characteristics #### A. Inductance (R19M) * **Value:** 0.19 microhenries ($\mu H$). * **Tolerance:** The "M" denotes a $\pm 20\%$ tolerance. * **Application:** Low inductance values are characteristic of high-frequency switching regulators (Buck/Boost converters) where fast transient response is required. #### B. DC Resistance (DCR) To handle high current without overheating, this component is designed with extremely low DCR. This minimizes power loss ($P = I^2R$) and improves overall efficiency. #### C. Saturation Current ($I_{sat}$) This represents the current level at which the inductance drops by a specific percentage (usually 20-30%). The XF090604 series is designed to maintain stability even under heavy loads. --- ### 3. Physical Construction The "090604" usually refers to the physical dimensions of the component in millimeters: * **Length:** ~9.0 mm * **Width:** ~6.0 mm * **Height:** ~4.0 mm **Materials:** * **Core:** Usually a Carbonyl Iron or Ferrite core to minimize core losses at high frequencies. * **Shielding:** Shielded construction to reduce Electromagnetic Interference (EMI), which is critical in dense PCB layouts. --- ### 4. Typical Applications Components like the XF090604-R19M are found in: 1. **Voltage Regulator Modules (VRMs):** Powering CPUs and GPUs. 2. **DC-DC Converters:** Distributed power systems in telecommunications. 3. **Automotive Electronics:** Power filtering for infotainment or ADAS systems. 4. **High-Frequency Filters:** Reducing ripple current in switching power supplies. --- ### 5. Identification Code Breakdown `XF` | `090604` | `-` | `R19` | `M` ---|---|---|---|--- Manufacturer Prefix | Package/Size Dim. | | Inductance (0.19$\mu H$) | Tolerance ($\pm 20\%$)
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the XF090604 series?
    • ⤷ How does the R19 value compare to R22 in terms of ripple current?
    • ⤷ Is this component AEC-Q200 qualified for automotive use?